Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S4-10RF1 Datasheet(PDF) 2 Page - Riedon Powertron

Part # S4-10RF1
Description  Surface Mount Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

S4-10RF1 Datasheet(HTML) 2 Page - Riedon Powertron

  S4-10RF1 Datasheet HTML 1Page - Riedon Powertron S4-10RF1 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
4/17
SPECIFICATIONS (continued)
For Non-Inductive Windings / insert the letter “N” ( i.e. SN-4 )
Part Description: Part Type - Resistance - Tolerance - TCR ( If not standard )
Example: S-4 100 Ohm 1%
Type
Dimensions
Stand-Off
Footprint
A
±0.015”
[±0.4mm]
B
±0.015”
[±0.4mm]
C
±0.015”
[±0.4mm]
D
±0.015”
[±0.4mm]
F
±0.015”
[±0.4mm]
Lead Thick-
ness
±0.002”
[±0.05mm]
E
±0.015”
[±0.4mm]
Height
±0.005”
[±0.13mm]
W
±0.015”
[±0.4mm]
H
±0.015”
[±0.4mm]
L
±0.015”
[±0.4mm]
S-1
0.190 [4.8]
0.130 [3.3]
0.110 [2.8]
0.060 [1.5]
0.040 [1.0]
0.006 [0.15]
0.100 [2.5]
0.005 [0.13]
0.062 [1.6]
0.100 [2.5]
0.250 [6.4]
S-2
0.260 [6.6]
0.155 [3.9]
0.125 [3.2]
0.070 [1.8]
0.070 [1.8]
0.006 [0.15]
0.120 [3.0]
0.005 [0.13]
0.096 [2.4]
0.150 [3.8]
0.337 [8.6]
S-4
0.450 [11.4]
0.250 [6.4]
0.180 [4.6]
0.120 [3.0]
0.100 [2.5]
0.006 [0.15]
0.190 [4.8]
0.005 [0.13]
0.150 [3.8]
0.200 [5.1]
0.540 [13.7]
S-3
0.625 [15.9]
0.270 [6.9]
0.250 [6.4]
0.120 [3.0]
0.135 [3.4]
0.006 [0.15]
0.150 [3.8]
0.005 [0.13]
0.200 [5.1]
0.220 [5.6]
0.700 [17.8]
S-5
0.820 [20.8]
0.295 [7.5]
0.305 [7.7]
0.150 [3.8]
0.190 [4.8]
0.006 [0.15]
0.245 [6.2]
0.005 [0.13]
0.220 [5.6]
0.250 [6.4]
0.900 [22.9]
SL-2
0.260 [6.6]
0.155 [3.9]
0.100 [2.5]
0.070 [1.8]
0.070 [1.8]
0.006 [0.15]
0.120 [3.0]
0.005 [0.13]
0.096 [2.4]
0.150 [3.8]
0.337 [8.6]
SL-4
0.450 [11.4]
0.250 [6.4]
0.100 [2.5]
0.120 [3.0]
0.100 [2.5]
0.006 [0.15]
0.190 [4.8]
0.005 [0.13]
0.150 [3.8]
0.200 [5.1]
0.540 [13.7]
S & SL Series
Surface Mount Wirewound Resistors
Ordering Information
Standard Package Quantities
S-1
S-2
S-4
S-3
S-5
SL-2
SL-4
Small Reel
650
600
250
125
180
600
250
Large Reel
3000
2000
1000
500
500
2000
1000
Surface Mount Humidity Packaging:
All Riedon Surface Mount wirewound resistors have a Moisture Sensitivity Level (MSL) rating of 2 (1-year floor life).
Surface Mount parts are packaged in a Moisture Barrier Bag (MBB) with a Humidity Indicator Card and desiccant to
monitor and protect the parts from humidity. The MBB is marked with a Moisture-Sensitive Identification Label.


Similar Part No. - S4-10RF1

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
S4-12-1AE OENINDIA-S4-12-1AE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
S4-12-1ANIL OENINDIA-S4-12-1ANIL Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
S4-12-1CE OENINDIA-S4-12-1CE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
S4-12-1CNIL OENINDIA-S4-12-1CNIL Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
S4-12-1UE OENINDIA-S4-12-1UE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
More results

Similar Description - S4-10RF1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
   Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-470RF1 RIEDON-S5-470RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S2-680RF1 RIEDON-S2-680RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S4-0R015F1 RIEDON-S4-0R015F1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S3-150RF1 RIEDON-S3-150RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com