Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4584 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4584
Description  30-W 24/48-V Input Isolated DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4584 Datasheet(HTML) 1 Page - Texas Instruments

  PT4584 Datasheet HTML 1Page - Texas Instruments PT4584 Datasheet HTML 2Page - Texas Instruments PT4584 Datasheet HTML 3Page - Texas Instruments PT4584 Datasheet HTML 4Page - Texas Instruments PT4584 Datasheet HTML 5Page - Texas Instruments PT4584 Datasheet HTML 6Page - Texas Instruments PT4584 Datasheet HTML 7Page - Texas Instruments PT4584 Datasheet HTML 8Page - Texas Instruments PT4584 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4580 Series
30-W 24/48-V Input
Isolated DC/DC Converter
Standard Application
Cin
= Optional 100µF/100V electrolytic
Cout = Required 330µF electrolytic (See Notes)
Q
1
= N-Channel MOSFET
R
1/C1 = Optional (see application notes)
PT4580
2
19
7, 8, 9
14-17
4 - 6
10-12
13
L
O
A
D
C
IN
+
V
O Adjust
+V
IN
Inhibit
+REMOTE SENSE
–REMOTE SENSE
+V
O
–V
O
–V
IN
Q
1
C
OUT
+
18
R
1
C
1
Features
Input Voltage Range:
18V to 60V
1500 VDC Isolation
On/Off Control
Vo Adjust
Differential Remote Sense
Current Limit
Short-Circuit Protection
Over-Temperature Shutdown
Description
The PT4580 series is a single-output
isolated DC/DC converter, housed in a
19-pin space-saving package. These mod-
ules are UL, CSA, and VDE approved
for telecom applications, and rated at
30W or 8A. The 18V to 60V input range
allows easy integration into many distrib-
uted power applications which utilize 24V
bus architectures.
Standard output voltages range from
1.8V to 15V, and are each adjustable by
up to ±10%. Operating features include
a Remote On/Off control, an under-voltage
lockout (UVLO), and a differential re-
mote sense. Protection features include
an output current limit, short-circuit
protection, and over-temperature shut-
down.
A 330µF output capacitor is required
for proper operation.
Ordering Information
PT4581
H = 3.3V/8A (26.4W)
PT4582
H = 5.0V/6A
PT4583
H = 12.0V/2.5A
PT4584
H = 15.0V/2A
PT4585
H = 1.8V/8A (14.4W)
Pin-Out Information
Pin Function
1
Do Not Use
2
Remote On/Off †
3
Do Not Use
4-Vin
5-Vin
6-Vin
7+Vin
8+Vin
9+Vin
10
-Vo
11
-Vo
12
-Vo
13
-Remote Sense
14
+Vo
15
+Vo
16
+Vo
17
+Vo
18
Vo Adjust †
19
+Remote Sense
† For more information,
see application notes.
SLTS119A
(Revised 3/14/2002)
Undervoltage Lockout
Space-Saving Package
Solderable Copper Case
UL1950 Recognized
CSA 22.2 950 Certified
EN60950 Approved
VDE Licensed
5 x106 Hrs MTBF
Meets FCC Class A
Radiated Limits
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration
Suffix
Code *
Vertical
N
(END)
Horizontal
A
(ENA)
SMD
C
(ENC)
* Previously known as package styles 1400 &
1410.
(Reference the applicable package code draw-
ing for the dimensions and PC board layout)


Similar Part No. - PT4584

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4500 TI1-PT4500 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4500 TI1-PT4500_14 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
PT4501 TI-PT4501 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4501 TI1-PT4501 Datasheet
410Kb / 9P
[Old version datasheet]   1500 VDC Isolation
More results

Similar Description - PT4584

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4400 TI-PT4400 Datasheet
218Kb / 10P
[Old version datasheet]   75-W 48-V Input Isolated DC/DC Converter
PTQA430025 TI-PTQA430025 Datasheet
424Kb / 16P
[Old version datasheet]   100-W 48-V INPUT ISOLATED DC/DC CONVERTER
PT3401C TI-PT3401C Datasheet
285Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com