Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD253 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MJD253
Description  Silicon PNP transistor in a TO-252 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MJD253 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MJD253 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJD253
Rev.E May.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
-100
V
Collector to Emitter Voltage
VCEO
-100
V
Emitter to Base Voltage
VEBO
-7.0
V
Collector Current - Continuous
IC(1)
-4.0
A
Peak Collector Current - Continuous
IC(2)
-8.0
A
Base Current - Continuous
IB
-10
A
Collector Power Dissipation
PD
1.4
W
Collector Power Dissipation
PD(Tc=25 )
12.5
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Emitter Breakdown
Voltage
VCEO
IC=-10mA
IB=0
-100
V
Collector Cut-Off Current
ICBO(1)
VCB=-100V
IE=0
-0.1
μA
ICBO(2)
VCE=-100V
Tc=125℃
-0.1
mA
Emitter Cut-Off Current
IEBO
VEB=-7.0V
IC=0
-0.1
μA
DC Current Gain
hFE(1)
VCE=-1.0V
IC=-200mA
40
180
hFE(2)
VCE=-1.0V
IC=-1.0A
15
Collector to Emitter Saturation
Voltage
VCE(sat) (1) IC=-500mA
IB=-50mA
-0.3
V
VCE(sat) (2) IC=-1.0A
IB=-100mA
-0.6
V
Base to Emitter Saturation Voltage VBE(sat)
IC=-2.0A
IB=-200mA
-1.8
V
Base to Emitter On Voltage
VBE(on)
VCE=-1.0V
IC=-500mA
-1.5
V
Current- Gain Bandwidth Product
fT
VCE=-10V
IC=-100mA
40
MHz
Output Capacitance
Cob
VCB=-10V
f=0.1MHz
50
pF
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - MJD253

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD253 ONSEMI-MJD253 Datasheet
124Kb / 8P
   Complementary Silicon Plastic Power Transistor
March, 2004 ??Rev. 8
MJD253 ONSEMI-MJD253 Datasheet
98Kb / 8P
   Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD253 ONSEMI-MJD253 Datasheet
149Kb / 8P
   Complementary Silicon Plastic Power Transistor
January, 2011 ??Rev. 12
MJD253 ONSEMI-MJD253 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
MJD253 ONSEMI-MJD253 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
More results

Similar Description - MJD253

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SB1204 FOSHAN-2SB1204 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD32C FOSHAN-MJD32C Datasheet
765Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB1203 FOSHAN-2SB1203 Datasheet
838Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
TIP127D FOSHAN-TIP127D Datasheet
798Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SA1700 FOSHAN-2SA1700 Datasheet
1,020Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB772D FOSHAN-2SB772D Datasheet
949Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB1184 FOSHAN-2SB1184 Datasheet
730Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD117 FOSHAN-MJD117 Datasheet
793Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD42C FOSHAN-MJD42C Datasheet
828Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD350 FOSHAN-MJD350 Datasheet
814Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com