Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD253 Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MJD253
Description  Silicon PNP transistor in a TO-252 Plastic Package.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MJD253 Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MJD253 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MJD253 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MJD253
Rev.E May.-2016
DATA SHEET
http://www.fsbrec.com
6 / 6
回流焊温度曲线图(无铅) / Temperature Profile for IR Reflow Soldering(Pb-Free)
说明:
Note:
1
、预热温度 25~150℃,时间 60~90sec;
1.Preheating:25~150
℃, Time:60~90sec.
2
、峰值温度 245±5℃,时间持续为 5±0.5sec;
2.Peak Temp.:245
±5℃, Duration:5±0.5sec.
3
、焊接制程冷却速度为 2~10℃/sec.
3. Cooling Speed: 2~10
℃/sec.
耐焊接热试验条件 /
Resistance to Soldering Heat Test Conditions
温度:260±5℃
时间:10±1 sec.
Temp.:260±5℃
Time:10±1 sec
包装规格 / Packaging SPEC.
卷盘包装 / REEL
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Reel
/卷盘
Reels/Inner Box
卷盘
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Reel
Inner Box 盒
Outer Box 箱
TO-252
2,500
2
5,000
5
25,000
13〞×16
360×360×50
385×257×392
套管包装 / TUBE
Package Type
封装形式
Units 包装数量
Dimension 包装尺寸 (unit:mm
3)
Units/Tube
/套管
Tubes/Inner Box
套管
/盒
Units/Inner Box
/盒
Inner Boxes/Outer Box
/箱
Units/Outer Box
/箱
Tube 套管
Inner Box 盒
Outer Box 箱
TO-251/252
75
48
3,600
5
18,000
526×20.5×5.25
555×164×50
575×290×180
使用说明 / Notices


Similar Part No. - MJD253

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD253 ONSEMI-MJD253 Datasheet
124Kb / 8P
   Complementary Silicon Plastic Power Transistor
March, 2004 ??Rev. 8
MJD253 ONSEMI-MJD253 Datasheet
98Kb / 8P
   Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD253 ONSEMI-MJD253 Datasheet
149Kb / 8P
   Complementary Silicon Plastic Power Transistor
January, 2011 ??Rev. 12
MJD253 ONSEMI-MJD253 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
MJD253 ONSEMI-MJD253 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
More results

Similar Description - MJD253

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
2SB1204 FOSHAN-2SB1204 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD32C FOSHAN-MJD32C Datasheet
765Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB1203 FOSHAN-2SB1203 Datasheet
838Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
TIP127D FOSHAN-TIP127D Datasheet
798Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SA1700 FOSHAN-2SA1700 Datasheet
1,020Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB772D FOSHAN-2SB772D Datasheet
949Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
2SB1184 FOSHAN-2SB1184 Datasheet
730Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD117 FOSHAN-MJD117 Datasheet
793Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD42C FOSHAN-MJD42C Datasheet
828Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
MJD350 FOSHAN-MJD350 Datasheet
814Kb / 6P
   Silicon PNP transistor in a TO-252 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com