Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR288A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR288A
Description  28-Bit Channel Link-85MHz
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR288A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS90CR288A Datasheet HTML 6Page - National Semiconductor (TI) DS90CR288A Datasheet HTML 7Page - National Semiconductor (TI) DS90CR288A Datasheet HTML 8Page - National Semiconductor (TI) DS90CR288A Datasheet HTML 9Page - National Semiconductor (TI) DS90CR288A Datasheet HTML 10Page - National Semiconductor (TI) DS90CR288A Datasheet HTML 11Page - National Semiconductor (TI) DS90CR288A Datasheet HTML 12Page - National Semiconductor (TI) DS90CR288A Datasheet HTML 13Page - National Semiconductor (TI) DS90CR288A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
http://www.national.com/JPN/
AC
タイミング図
タイミング図
タイミング図
タイミング図 ( つづき)
FIGURE 15. Receiver LVDS Input Strobe Position


Similar Part No. - DS90CR288A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR288A NSC-DS90CR288A Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
DS90CR288AMTD NSC-DS90CR288AMTD Datasheet
308Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHZ
DS90CR288AMTD NSC-DS90CR288AMTD Datasheet
362Kb / 16P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-85 MHz
logo
Texas Instruments
DS90CR288AMTD TI1-DS90CR288AMTD Datasheet
1Mb / 24P
[Old version datasheet]   DS90CR287/DS90CR288A 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link - 85MHz
DS90CR288AMTD/NOPB TI1-DS90CR288AMTD/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   DS90CR287/DS90CR288A 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link - 85MHz
More results

Similar Description - DS90CR288A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90CR281 TI1-DS90CR281 Datasheet
319Kb / 15P
[Old version datasheet]   28-Bit Channel Link
logo
National Semiconductor ...
DS90CR281 NSC-DS90CR281 Datasheet
277Kb / 14P
   28-Bit Channel Link
logo
Texas Instruments
DS90CR287MTDX TI1-DS90CR287MTDX Datasheet
1Mb / 24P
[Old version datasheet]   DS90CR287/DS90CR288A 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link - 85MHz
logo
National Semiconductor ...
DS90CR283 NSC-DS90CR283 Datasheet
277Kb / 14P
   28-Bit Channel Link-66 MHz
DS90CR283 NSC-DS90CR283_01 Datasheet
277Kb / 13P
   28-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90UB927-Q1 TI-DS90UB927-Q1 Datasheet
1Mb / 56P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with Bidirectional Control Channel
logo
National Semiconductor ...
DS90CF366 NSC-DS90CF366_06 Datasheet
781Kb / 16P
   3.3V LVDS Receiver 24-Bit Flat Panel Display (FPD) Link-85MHz, 3.3V LVDS Receiver 18-Bit Flat Panel Display (FPD) Link-85MHz
logo
Texas Instruments
DS90UH927Q TI-DS90UH927Q Datasheet
1Mb / 59P
[Old version datasheet]   5MHz - 85MHz 24-bit Color FPD-Link III Serializer with HDCP
logo
STMicroelectronics
STLVDS385 STMICROELECTRONICS-STLVDS385 Datasheet
260Kb / 14P
   3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
logo
National Semiconductor ...
DS90CR211 NSC-DS90CR211 Datasheet
255Kb / 14P
   21-Bit Channel Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com