Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2832-4-V-F4 Datasheet(PDF) 4 Page - NEC

Part # PS2832-4-V-F4
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2832-4-V-F4 Datasheet(HTML) 4 Page - NEC

  PS2832-4-V-F4 Datasheet HTML 1Page - NEC PS2832-4-V-F4 Datasheet HTML 2Page - NEC PS2832-4-V-F4 Datasheet HTML 3Page - NEC PS2832-4-V-F4 Datasheet HTML 4Page - NEC PS2832-4-V-F4 Datasheet HTML 5Page - NEC PS2832-4-V-F4 Datasheet HTML 6Page - NEC PS2832-4-V-F4 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PS2832-1, -4, PS2833-1, -4
Normalized to 1.0
at TA = 25°C,
IF = 1 mA, VCE = 2 V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-50
-25
0
25
50
75
100
Sample A
B
C
VCE = 2 V
4500
4000
3500
3000
2500
2000
1500
1000
500
0
0.1
0.5
1
5
10
40
VCC = 10,
IC = 10 mA,
CTR = 2300 %
1000
100
10
1
0.1
10
50
100
500
1000
tf
td
tr
ts
1.2
1.0
0.8
0.6
0.4
0.2
0.0
10
10 2
10 3
10 4
10 5
10 6
IF
= 1 mA
TA = 25°C
60°C
TYPICAL PERFORMANCE CURVES (TA = 25°C unless otherwise specified)
NORMALIZED CURRENT TRANSFER RATIO
vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO
vs. FORWARD CURRENT
Ambient Temperature, TA (°C)
Forward Current, IF (mA)
LONG TERM CTR DEGRADATION
Time (Hr)
Load Resistance, RL (Ω)
Remark: The graphs indicate nominal characteristics.
SWITCHING TIME
vs. LOAD RESISTANCE
PART NUMBER
PACKAGE
PACKING STYLE
PS2832-1
4 pin SOP
50 pcs (Tape 50 pcs cut)
PS2832-1-F3
Embossed Tape 3500 pcs/reel
PS2832-1-F4
PS2832-4
16 pin SOP
Magazine case 45 pcs
PS2832-4-F3
Embossed Tape 2500 pcs/reel
PS2832-4-F4
PS2832-1-V
4 pin SOP
50 pcs (Tape 50 pcs cut)
PS2832-1-V-F3
Embossed Tape 3500 pcs/reel
PS2832-1-V-F4
PS2832-4-V
16 pin SOP
Magazine case 45 pcs
PS2832-4-V-F3
Embossed Tape 2500 pcs/reel
PS2832-4-V-F4
PART NUMBER
PACKAGE
PACKING STYLE
PS2833-1
4 pin SOP
50 pcs (Tape 50 pcs cut)
PS2833-1-F3
Embossed Tape 3500 pcs/reel
PS2833-1-F4
PS2833-4
16 pin SOP
Magazine case 45 pcs
PS2833-4-F3
Embossed Tape 2500 pcs/reel
PS2833-4-F4
PS2833-1-V
4 pin SOP
50 pcs (Tape 50 pcs cut)
PS2833-1-V-F3
Embossed Tape 3500 pcs/reel
PS2833-1-V-F4
PS2833-4-V
16 pin SOP
Magazine case 45 pcs
PS2833-4-V-F3
Embossed Tape 2500 pcs/reel
PS2833-4-V-F4
ORDERING INFORMATION


Similar Part No. - PS2832-4-V-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2832-4-V-F4 RENESAS-PS2832-4-V-F4 Datasheet
261Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2832-4-V-F4 CEL-PS2832-4-V-F4 Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
PS2832-4-V-F4-A CEL-PS2832-4-V-F4-A Datasheet
431Kb / 13P
   HIGH COLLECTOR TO EMITTER VOLTAGE 4, 16-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2832-4-V-F4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2703-1-F3-A CEL-PS2703-1-F3-A Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
PS2703-1 CEL-PS2703-1 Datasheet
402Kb / 11P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
logo
NEC
PS2732 NEC-PS2732 Datasheet
50Kb / 4P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2732-1-F3 ETC2-PS2732-1-F3 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2732-1 RENESAS-PS2732-1_15 Datasheet
232Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
PS2703-1 RENESAS-PS2703-1 Datasheet
5Mb / 15P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP PHOTOCOUPLER
May 14, 2020
logo
California Eastern Labs
PS2732-1 CEL-PS2732-1 Datasheet
402Kb / 11P
   HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1_15 Datasheet
242Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com