Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603X152JAGACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0603X152JAGACAUTO
Description  Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 1500 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603X152JAGACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C0603X152JAGACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 6/15/2017 - 3a5a4faa-a434-4c21-87e1-07d5d2a9e849
KEMET Part Number: C0603X152JAGACAUTO
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 1500 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
Dimensions
L
1.6mm +/-0.17mm
W
0.8mm +/-0.15mm
T
0.85mm +/-0.07mm
S
0.58mm MIN
B
0.45mm +/-0.15mm
Packaging Specifications
Packaging: T&R, 180mm, Paper Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: AUTO-FlexTerm-(CxxxxX-AUTO)
Chip Size: 0603
Description: SMD, MLCC, FT-CAP, Ultra-
Stable, Automotive Grade
Features: FT-CAP, Ultra-Stable,
Automotive Grade
RoHS: Yes
Termination: Flexible Termination
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 1500 pF
Capacitance Tolerance: 5%
Voltage DC: 250 VDC
Dielectric Withstanding
Voltage: 625 V
Temperature Range: -55/+125C
Temperature Coefficient: C0G
Dissipation Factor: 0.1%
Aging Rate: 0% Loss/Decade Hour
Insulation Resistance: 100 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0603X152JAGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X152J5GACAUTO KEMET-C0603X152J5GACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 1500 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X152J5GACTU KEMET-C0603X152J5GACTU Datasheet
60Kb / 1P
   SMD Comm C0G Flex, Ceramic, 1500 pF, 5%, 50 VDC, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, 0603
C0603X152J5JACTU KEMET-C0603X152J5JACTU Datasheet
71Kb / 1P
   Ceramic, FlexTerm-(CxxxxX), 1500 pF, 5%, 50 V, 0603, U2J, SMD, MLCC, FT-CAP, Ultra-Stable
More results

Similar Description - C0603X152JAGACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603X152J5GACAUTO KEMET-C0603X152J5GACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 1500 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X271JAGACAUTO KEMET-C0603X271JAGACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 270 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X391JAGACAUTO KEMET-C0603X391JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 390 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X471JAGACAUTO KEMET-C0603X471JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 470 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X561JAGACAUTO KEMET-C0603X561JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 560 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X221JAGACAUTO KEMET-C0603X221JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 220 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X331JAGACAUTO KEMET-C0603X331JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 330 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X182JAGACAUTO KEMET-C0603X182JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 1800 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X102JAGACAUTO KEMET-C0603X102JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 1000 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
C0603X122JAGACAUTO KEMET-C0603X122JAGACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 1200 pF, 5%, 250 V, 0603, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com