Electronic Components Datasheet Search |
|
PS2832-1-F3 Datasheet(PDF) 1 Page - NEC |
|
PS2832-1-F3 Datasheet(HTML) 1 Page - NEC |
1 / 7 page HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP MULTI OPTOCOUPLER FEATURES • HIGH COLLECTOR TO EMITTER VOLTAGE VCEO = 300 V : PS2832-1,-4 VCEO = 350 V : PS2833-1,-4 • SMALL THIN PACKAGE 4, 16-pin SOP, pin pitch 1.27 mm • HIGH ISOLATION VOLTAGE BV = 2500 Vr.m.s. • HIGH CURRENT TRANSFER RATIO CTR = 2000 % TYP • TAPING PRODUCT NUMBER PS2832-1-F3, F4, PS2833-1-F3, F4 PS2832-4-F3, F4, PS2833-4-F3, F4 DESCRIPTION PS2832-1,-4 and PS2833-1,-4 are optically coupled isolators containing a GaAs light emitting diode and an NPN silicon darlington-connected phototransistor. The package is an SSOP (Super Small Out-Line Package) type for high density mount- ing applications. PS2832-1,-4 PS2833-1,-4 1. Test Circuit for Switching Time PULSE INPUT PW = 1 ms Duty Cycle = 1/10 () IF Vout RL = 100 Ω 50 Ω VCC APPLICATIONS • HYBRID IC • TELEPHONE / TELEGRAPH RECEIVER • FAX ELECTRICAL CHARACTERISTICS (TA = 25°C) PART NUMBER PS2832-1, -4, PS2833-1, -4 SYMBOLS PARAMETERS UNITS MIN TYP MAX VF Forward Voltage, IF = 10 mA V 1.2 1.4 IR Reverse Current, VR = 5 V µA 5 CTerminal Capacitance, V = 0, f = 1.0 MHz pF 15 ICEO Collector to Emitter Current nA 400 IF = 0 mA, VCE = 300 V CTR Current Transfer Ratio, (IC/IF) IF = 1 mA, VCE = 2 V % 400 2000 4500 VCE(sat) Collector Saturation Voltage, IF = 1 mA, IC = 2 mA V 1.0 RI-O Isolation Resistance, Vin-out = 1.0 kVDC Ω 1011 CI-O Isolation Capacitance, V = 0, f = 1.0 MHz pF 0.4 tr Rise Time1, VCC = 5 V, IC = 10 mA, RL = 100 Ω µs20 tf Fall Time1, VCC = 5 V, IC = 10 mA, RL = 100 Ω µs5 California Eastern Laboratories |
Similar Part No. - PS2832-1-F3 |
|
Similar Description - PS2832-1-F3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |