Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT8900GC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT8900GC
Description  Level Shifter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8900GC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT8900GC Datasheet HTML 3Page - Richtek Technology Corporation RT8900GC Datasheet HTML 4Page - Richtek Technology Corporation RT8900GC Datasheet HTML 5Page - Richtek Technology Corporation RT8900GC Datasheet HTML 6Page - Richtek Technology Corporation RT8900GC Datasheet HTML 7Page - Richtek Technology Corporation RT8900GC Datasheet HTML 8Page - Richtek Technology Corporation RT8900GC Datasheet HTML 9Page - Richtek Technology Corporation RT8900GC Datasheet HTML 10Page - Richtek Technology Corporation RT8900GC Datasheet HTML 11Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
RT8900
11
DS8900-06
September 2011
www.richtek.com
Information that is provided by Richtek Technology Corporation is believed to be accurate and reliable. Richtek reserves the right to make any change in circuit
design, specification or other related things if necessary without notice at any time. No third party intellectual property infringement of the applications should be
guaranteed by users when integrating Richtek products into any application. No legal responsibility for any said applications is assumed by Richtek.
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
5F, No. 95, Minchiuan Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)86672399 Fax: (8862)86672377
Email: marketing@richtek.com
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.150
0.300
0.006
0.012
D
3.900
4.100
0.154
0.161
Option 1
2.650
2.750
0.104
0.108
D2
Option 2
2.100
2.200
0.083
0.087
E
3.900
4.100
0.154
0.161
Option 1
2.650
2.750
0.104
0.108
E2
Option 2
2.100
2.200
0.083
0.087
e
0.500
0.020
L
0.350
0.450
0.014
0.018
W-Type 20L QFN 4x4 Package
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2


Similar Part No. - RT8900GC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
RT8901GS RICHTEK-RT8901GS Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
RT8901PS RICHTEK-RT8901PS Datasheet
182Kb / 10P
   35V Gate Pulse Modulator for LCD Panels
More results

Similar Description - RT8900GC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
   Level Shifter
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
   SMBus Level Shifter
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
   Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
NCN6011 ONSEMI-NCN6011 Datasheet
254Kb / 12P
   Low Power Level Shifter
July, 2006 ??Rev. 4
NLHV18T3244 ONSEMI-NLHV18T3244 Datasheet
202Kb / 10P
   18-Channel Level Shifter
May, 2013 ??Rev. 0
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
Chrontel, Inc.
CH7530A CHRONTEL-CH7530A Datasheet
211Kb / 7P
   CH7530A DP Level Shifter
Rev 1.3
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
   Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
   AC coupled HDMI level shifter
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
   Inverter / CMOS Logic Level Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com