Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5028E Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT5028E
Description  Integrated PMIC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028E Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT5028E Datasheet HTML 1Page - Richtek Technology Corporation RT5028E Datasheet HTML 2Page - Richtek Technology Corporation RT5028E Datasheet HTML 3Page - Richtek Technology Corporation RT5028E Datasheet HTML 4Page - Richtek Technology Corporation RT5028E Datasheet HTML 5Page - Richtek Technology Corporation RT5028E Datasheet HTML 6Page - Richtek Technology Corporation RT5028E Datasheet HTML 7Page - Richtek Technology Corporation RT5028E Datasheet HTML 8Page - Richtek Technology Corporation RT5028E Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
3
DS5028E-00
October 2016
www.richtek.com
RT5028E
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Pin No.
Pin Name
Pin Function
16
SDA
Data input for I2C. Open-drain output, connect a 10k
 pull-up resistor.
17
ENL7
Enable control input for LDO7. Connect a 100k
 pull-low resistor.
18
ENL8
Enable control input for LDO8. Connect a 100k
 pull-low resistor.
19
IRQ
Open-drain IRQ output node.
20
RESET
Reset output.
21, 34, 56, 57
(Exposed Pad)
AGND
Analog ground. The exposed pad must be soldered to a large PCB and
connected to AGND for maximum power dissipation.
22
PWRON
Manual power on. Connect a 100k
 pull-up resistor.
23
REBOOT
System power reboot. Connect a 100k
 pull-low resistor.
24
MTP
MTP write protection. Connect a 100k
 pull-low resistor, logic low is inhibited
and logic high is permit to write.
25
MASK_GPIO
Select I2C or use EN pin for Bucks and LDOs. Connect a 100k
 pull-low resistor.
As MASK_GPIO is high, ignore all EN pins.
As MASK_GPIO is low, EN pins and I2C both can control. EN pins priority is
higher than I2C.
26
PWRHOLD
Power hold input. Connect a 100k
 pull-low resistor.
27
SADDR
I2C slave address. Connect a 100k
 pull-low resistor.
28
ENB4
Enable control input for Buck4. Connect a 100k
 pull-low resistor.
29
VOUTB4S
Output voltage regulation node for Buck4.
30
ENB3
Enable control input for Buck3. Connect a 100k
 pull-low resistor.
31
LXB4
Internal switch node to output inductor connection for Buck4.
32
VINB4
Input power for Buck4.
33
VOUTB3S
Output voltage regulation node for Buck3.
35, 36
LXB3
Internal switch node to output inductor connection for Buck3.
37, 38
VINB3
Input power for Buck3.
39
VOUTB2S
Output voltage regulation node for Buck2.
40
ENB2
Enable control input for Buck2. Connect a 100k
 pull-low resistor.
41, 42
LXB2
Internal switch node to output inductor connection for Buck2.
43, 44
VINB2
Input power for Buck2.
45, 46
VINB1
Input power for Buck1.
47, 48
LXB1
Internal switch node to output inductor connection for Buck1.
49
ENB1
Enable control input for Buck1. Connect a 100k
 pull-low resistor.
50
VOUTB1S
Output voltage regulation node for Buck1
51
VDDP
Internal bias regulator voltage. External load on this pin is not allowed.
52
VIN
Input power for analog base.
53
ENL1
Enable control input for LDO1. Connect a 100k
 pull-low resistor.
54
ENL2
Enable control input for LDO2. Connect a 100k
 pull-low resistor.
55
ENL3
Enable control input for LDO3. Connect a 100k
 pull-low resistor.


Similar Part No. - RT5028E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
   Integrated PMIC
RT5028A RICHTEK-RT5028A Datasheet
512Kb / 41P
   RoHS Compliant and Halogen Free
RT5028B RICHTEK-RT5028B Datasheet
505Kb / 41P
   Embedded 32Bytes MTP for Factory Tuning
RT5028C RICHTEK-RT5028C Datasheet
495Kb / 40P
   PMIC for Industrial Application
RT5028C RICHTEK-RT5028C Datasheet
624Kb / 41P
   Integrated PMIC
More results

Similar Description - RT5028E

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
   Integrated PMIC
RT5028D RICHTEK-RT5028D Datasheet
637Kb / 41P
   Integrated PMIC
RT5028C RICHTEK-RT5028C_16 Datasheet
624Kb / 41P
   Integrated PMIC
logo
Texas Instruments
TPS65720 TI1-TPS65720_15 Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com