Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT5028CGQW Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5028CGQW
Description  Integrated PMIC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5028CGQW Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5028CGQW Datasheet HTML 5Page - Richtek Technology Corporation RT5028CGQW Datasheet HTML 6Page - Richtek Technology Corporation RT5028CGQW Datasheet HTML 7Page - Richtek Technology Corporation RT5028CGQW Datasheet HTML 8Page - Richtek Technology Corporation RT5028CGQW Datasheet HTML 9Page - Richtek Technology Corporation RT5028CGQW Datasheet HTML 10Page - Richtek Technology Corporation RT5028CGQW Datasheet HTML 11Page - Richtek Technology Corporation RT5028CGQW Datasheet HTML 12Page - Richtek Technology Corporation RT5028CGQW Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9
DS5028C-03
September 2016
www.richtek.com
RT5028C
©
Copyright
2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
RT5028C
ENL1 to ENL8
ENB1 to ENB4
VINL456
VINL123
2
7
AGND 21, 34, 56,
57 (Exposed Pad)
VINL78
10
VOUTL3
VOUTL4
VOUTL5
VOUTL6
VOUTL8
VOUTL7
1µF
1µF
VOUTL2
VOUTL1
1µF
1µF
1µF
1µF
1
3
4
8
6
5
9
11
1µF
1µF
1µF
1µF
1µF
VDDP
51
1µF
VIN
52
1µF
VINB2
LXB2
VOUTB2S
22µF
2.2µH
10µF
43, 44
41, 42
39
VINB1
LXB1
VOUTB1S
22µF
2.2µH
10µF
45, 46
47, 48
50
VINB4
LXB4
VOUTB4S
22µF
2.2µH
10µF
32
31
29
VINB3
LXB3
VOUTB3S
22µF
2.2µH
10µF
37, 38
35, 36
33
PWRON
22
IRQ
SCL
SDA
15
16
19
REBOOT
PWRHOLD
20
26
RESET
SADDR
MTP
MASK_GPIO
AP
23
24
25
27
As SADDR connect to AGND
slave address
=0111111
As SADDR connect to VIN
slave address
=0110111
As MASK_GPIO connect to AGND
EN pins can control.
As MASK_GPIO connect to VIN
Ignore all EN pins.
As MTP connect to AGND
Inhibit to write MTP.
As MTP connect to VIN
Permit to write MTP.
SADDR
MASK_GPIOMTP
AGND
VIN
Suggested Components for Typical Application Circuit
Description
P/N
Manufacture
Inductor for Buck-2.2
μH
LQH43PB2R2M26L
Murata
CIN for Buck-10μF
C1206X7R1E516DT
Murata
COUT for Buck-22μF
C1206X7R22E416DT
Murata
CIN/COUT for LDO-1μF
C0603X7R1E216DT
Murata


Similar Part No. - RT5028CGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028C RICHTEK-RT5028C Datasheet
495Kb / 40P
   PMIC for Industrial Application
More results

Similar Description - RT5028CGQW

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5028 RICHTEK-RT5028 Datasheet
615Kb / 40P
   Integrated PMIC
RT5028E RICHTEK-RT5028E Datasheet
519Kb / 41P
   Integrated PMIC
RT5028D RICHTEK-RT5028D Datasheet
637Kb / 41P
   Integrated PMIC
logo
Texas Instruments
TPS65720 TI1-TPS65720_15 Datasheet
2Mb / 66P
[Old version datasheet]   Integrated PMIC
logo
Linear Technology
LTC3677-3 LINER-LTC3677-3_15 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3 Datasheet
562Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577-4 LINER-LTC3577-4_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3677-3 LINER-LTC3677-3 Datasheet
4Mb / 44P
   Highly Integrated Portable Product PMIC
LTC3577-3 LINER-LTC3577-3_15 Datasheet
567Kb / 52P
   Highly Integrated Portable Product PMIC
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com