Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT4801HWSC Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT4801HWSC
Description  Dual Output LCD Bias for Smartphones and Tablets
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4801HWSC Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT4801HWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 11Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 12Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 13Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
RT4801H
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS4801H-00
May
2016
10
Registers Map
Table 2. VOP Voltage Selection
Name
Register
Address
DATA
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
VOP(V)
VOP
00h
00h
Reserved Reserved Reserved
0
0
0
0
0
4
VOP
00h
01h
Reserved Reserved Reserved
0
0
0
0
1
4.1
VOP
00h
02h
Reserved Reserved Reserved
0
0
0
1
0
4.2
VOP
00h
03h
Reserved Reserved Reserved
0
0
0
1
1
4.3
VOP
00h
04h
Reserved Reserved Reserved
0
0
1
0
0
4.4
VOP
00h
05h
Reserved Reserved Reserved
0
0
1
0
1
4.5
VOP
00h
06h
Reserved Reserved Reserved
0
0
1
1
0
4.6
VOP
00h
07h
Reserved Reserved Reserved
0
0
1
1
1
4.7
VOP
00h
08h
Reserved Reserved Reserved
0
1
0
0
0
4.8
VOP
00h
09h
Reserved Reserved Reserved
0
1
0
0
1
4.9
VOP
00h
0Ah
Reserved Reserved Reserved
0
1
0
1
0
5
VOP
00h
0Bh
Reserved Reserved Reserved
0
1
0
1
1
5.1
VOP
00h
0Ch
Reserved Reserved Reserved
0
1
1
0
0
5.2
VOP
00h
0Dh
Reserved Reserved Reserved
0
1
1
0
1
5.3
VOP
00h
0Eh
Reserved Reserved Reserved
0
1
1
1
0
5.4
VOP
00h
0Fh
Reserved Reserved Reserved
0
1
1
1
1
5.5
VOP
00h
10h
Reserved Reserved Reserved
1
0
0
0
0
5.6
VOP
00h
11h
Reserved Reserved Reserved
1
0
0
0
1
5.7
VOP
00h
12h
Reserved Reserved Reserved
1
0
0
1
0
5.8
VOP
00h
13h
Reserved Reserved Reserved
1
0
0
1
1
5.9
VOP
00h
14h
Reserved Reserved Reserved
1
0
1
0
0
6
Table 3. VON Voltage Selection
Name
Register
Address
DATA
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
VON(V)
VON
01h
00h
Reserved
Reserved
Reserved
0
0
0
0
0
-4
VON
01h
01h
Reserved
Reserved
Reserved
0
0
0
0
1
-4.1
VON
01h
02h
Reserved
Reserved
Reserved
0
0
0
1
0
-4.2
VON
01h
03h
Reserved
Reserved
Reserved
0
0
0
1
1
-4.3
VON
01h
04h
Reserved
Reserved
Reserved
0
0
1
0
0
-4.4
VON
01h
05h
Reserved
Reserved
Reserved
0
0
1
0
1
-4.5
VON
01h
06h
Reserved
Reserved
Reserved
0
0
1
1
0
-4.6
VON
01h
07h
Reserved
Reserved
Reserved
0
0
1
1
1
-4.7
VON
01h
08h
Reserved
Reserved
Reserved
0
1
0
0
0
-4.8
VON
01h
09h
Reserved
Reserved
Reserved
0
1
0
0
1
-4.9
VON
01h
0Ah
Reserved
Reserved
Reserved
0
1
0
1
0
-5
VON
01h
0Bh
Reserved
Reserved
Reserved
0
1
0
1
1
-5.1
VON
01h
0Ch
Reserved
Reserved
Reserved
0
1
1
0
0
-5.2


Similar Part No. - RT4801HWSC

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT4805A RICHTEK-RT4805A Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
RT4805AWSC RICHTEK-RT4805AWSC Datasheet
1Mb / 22P
   Synchronous Boost Regulator with Bypass Mode
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
   Synchronous Boost Regulator
RT4805BWSC RICHTEK-RT4805BWSC Datasheet
1Mb / 23P
   Synchronous Boost Regulator
RT4809 RICHTEK-RT4809 Datasheet
559Kb / 11P
   DC-DC Boost Converter for PWM Controller
December 2021
More results

Similar Description - RT4801HWSC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7034 SILABS-SI7034 Datasheet
538Kb / 29P
   Mobile smartphones and tablets
logo
Kingston Technology Far...
DTDUO3G2 KINGSTON-DTDUO3G2 Datasheet
172Kb / 2P
   Expanded storage for tablets and smartphones
logo
IOGEAR
GSTYA100 IOGEAR-GSTYA100 Datasheet
147Kb / 3P
   PenScript??Active Stylus for Smartphones and Tablets
GSTY103 IOGEAR-GSTY103 Datasheet
141Kb / 2P
   Touch Point Stylus for Tablets and Smartphones
GSTY200 IOGEAR-GSTY200 Datasheet
126Kb / 2P
   Accu-Tip Stylus for Tablets and Smartphones
logo
OmniVision Technologies...
OV2281 OMNIVISION-OV2281 Datasheet
676Kb / 2P
   Biometric Security for Next-Generation Smartphones, Tablets, and Notebooks
logo
Shenzhen Huazhimei Semi...
HM103D HMSEMI-HM103D Datasheet
954Kb / 11P
   Chargers for smartphones, tablets, netbooks, digital cameras and Bluetooth accessories
logo
MagnaChip Semiconductor...
MAP7102 MGCHIP-MAP7102 Datasheet
1Mb / 17P
   Dual Output LCD Bias IC
logo
Lowpower Semiconductor ...
LP6280 POWER-LP6280 Datasheet
781Kb / 12P
   Dual Channel Output LCD Bias Power
logo
Kinetic Technologies.
KTD2151 KINETIC-KTD2151 Datasheet
876Kb / 21P
   Programmable Dual Output LCD Bias Power
April 2020 - Revision 04f
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com