Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB16 Datasheet(PDF) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTB16
Description  Triac in a TO-220 Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTB16 Datasheet(HTML) 5 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTB16 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTB16 Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BTB16
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
5 / 8
电参数曲线图 / Electrical Characteristic Curve


Similar Part No. - BTB16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
99Kb / 9P
   16A TRIACS
logo
Kersemi Electronic Co.,...
BTB16 KERSEMI-BTB16 Datasheet
347Kb / 6P
   16 A Snubberless?? logic level and standard Triacs
logo
Suntac Electronic Corp.
BTB16 SUNTAC-BTB16 Datasheet
83Kb / 4P
   16A Triacs logic level
logo
STMicroelectronics
BTB16 STMICROELECTRONICS-BTB16 Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
BTB16 STMICROELECTRONICS-BTB16 Datasheet
116Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
More results

Similar Description - BTB16

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BT137 FOSHAN-BT137 Datasheet
887Kb / 6P
   Triac in a TO-220 Plastic Package
BTB08 FOSHAN-BTB08 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB06 FOSHAN-BTB06 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB10 FOSHAN-BTB10 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BTB20 FOSHAN-BTB20 Datasheet
1Mb / 7P
   Triac in a TO-220 Plastic Package
BT134 FOSHAN-BT134 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BTB12 FOSHAN-BTB12 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB24 FOSHAN-BTB24 Datasheet
1Mb / 8P
   Triac in a TO-220 Plastic Package
BTB04 FOSHAN-BTB04 Datasheet
1Mb / 6P
   Triac in a TO-220 Plastic Package
BT138 FOSHAN-BT138 Datasheet
954Kb / 6P
   Triac in a TO-220 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com