Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA12F Datasheet(PDF) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTA12F
Description  Triac in a TO-220F Plastic Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTA12F Datasheet(HTML) 4 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTA12F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA12F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA12F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA12F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA12F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA12F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA12F Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA12F Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BTA12F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
4 / 8
电参数曲线图 / Electrical Characteristic Curve
-


Similar Part No. - BTA12F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BTA12 ETC1-BTA12 Datasheet
229Kb / 5P
   BTA12
logo
STMicroelectronics
BTA12 STMICROELECTRONICS-BTA12 Datasheet
140Kb / 12P
   Medium current triac
September 2007 Rev 9
BTA12 STMICROELECTRONICS-BTA12 Datasheet
116Kb / 7P
   12A TRIACS
BTA12 STMICROELECTRONICS-BTA12 Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
BTA12 STMICROELECTRONICS-BTA12 Datasheet
138Kb / 12P
   12 A Snubberless, logic level and standard triacs
More results

Similar Description - BTA12F

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BTA04F FOSHAN-BTA04F Datasheet
1Mb / 6P
   Triac in a TO-220F Plastic Package
BTA16F FOSHAN-BTA16F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA08F FOSHAN-BTA08F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA06F FOSHAN-BTA06F Datasheet
1Mb / 8P
   Triac in a TO-220F Plastic Package
BTA20F FOSHAN-BTA20F Datasheet
1Mb / 7P
   Triac in a TO-220F Plastic Package
7808F FOSHAN-7808F Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220F Plastic Package
LV20100FCT FOSHAN-LV20100FCT Datasheet
815Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
7812F FOSHAN-7812F Datasheet
1Mb / 6P
   Voltage Regulator in a TO-220F Plastic Package
MBRF20150CT FOSHAN-MBRF20150CT Datasheet
1Mb / 7P
   Schottky Diode in a TO-220F Plastic Package
MBRF10200CT FOSHAN-MBRF10200CT Datasheet
799Kb / 6P
   Schottky Diode in a TO-220F Plastic Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com