Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRA781BRGABFRQ1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRA781BRGABFRQ1
Description  Infotainment Applications Processor
Download  273 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRA781BRGABFRQ1 Datasheet(HTML) 2 Page - Texas Instruments

  DRA781BRGABFRQ1 Datasheet HTML 1Page - Texas Instruments DRA781BRGABFRQ1 Datasheet HTML 2Page - Texas Instruments DRA781BRGABFRQ1 Datasheet HTML 3Page - Texas Instruments DRA781BRGABFRQ1 Datasheet HTML 4Page - Texas Instruments DRA781BRGABFRQ1 Datasheet HTML 5Page - Texas Instruments DRA781BRGABFRQ1 Datasheet HTML 6Page - Texas Instruments DRA781BRGABFRQ1 Datasheet HTML 7Page - Texas Instruments DRA781BRGABFRQ1 Datasheet HTML 8Page - Texas Instruments DRA781BRGABFRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 273 page
background image
2
DRA780, DRA781, DRA782
DRA783, DRA786, DRA787
SPRS975C – AUGUST 2016 – REVISED JULY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA780 DRA781 DRA782 DRA783 DRA786 DRA787
Device Overview
Copyright © 2016–2017, Texas Instruments Incorporated
1.2
Applications
Digital and Analog Radio
Hybrid Radio
DSP Audio Amplifier
Vehicle Connectivity Co-processor
1.3
Description
The DRA78x processor is offered in a 367-ball, 15×15-mm, 0.65-mm ball pitch (0.8mm spacing rules can
be used on signals) with Via Channel™ Array (VCA) technology, ball grid array (S-PBGA) package.
The architecture is designed to deliver high-performance concurrencies for automotive co-processor,
hybrid radio and amplifier applications in a cost-effective solution, providing full scalability from the
DRA75x ("Jacinto 6 EP" and "Jacinto 6 Ex"), DRA74x "Jacinto 6", DRA72x "Jacinto 6 Eco", and DRA71x
"Jacinto 6 Entry" family of infotainment processors.
Additionally, TI provides a complete set of development tools for the ARM, and DSP, including C
compilers and a debugging interface for visibility into source code execution.
The DRA78x Jacinto 6 RSP (Radio Sound Processor) device family is qualified according to the AEC-
Q100 standard.
The device features a simplified power supply rail mapping which enables lower cost PMIC solutions.
Device Information
PART NUMBER
PACKAGE
BODY SIZE
DRA78x
S-PBGA (367)
15.0 mm × 15.0 mm


Similar Part No. - DRA781BRGABFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA781BRGABFRQ1 TI1-DRA781BRGABFRQ1 Datasheet
3Mb / 282P
[Old version datasheet]   Infotainment Applications Processor
DRA781BRGABFRQ1 TI1-DRA781BRGABFRQ1 Datasheet
3Mb / 269P
[Old version datasheet]   DRA78x Infotainment Applications Processor
DRA781BRGABFRQ1 TI1-DRA781BRGABFRQ1 Datasheet
3Mb / 269P
[Old version datasheet]   DRA78x Infotainment Applications Processor
More results

Similar Description - DRA781BRGABFRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRA710 TI1-DRA710 Datasheet
4Mb / 440P
[Old version datasheet]   Infotainment Applications Processor
DRA79 TI1-DRA79 Datasheet
5Mb / 445P
[Old version datasheet]   Infotainment Applications Processor
DRA71 TI1-DRA71 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
DRA71 TI1-DRA71_19 Datasheet
5Mb / 451P
[Old version datasheet]   Infotainment Applications Processor
DRA78 TI1-DRA78 Datasheet
3Mb / 282P
[Old version datasheet]   Infotainment Applications Processor
DRA722 TI1-DRA722_17 Datasheet
5Mb / 408P
[Old version datasheet]   Infotainment Applications Processor
DRA790 TI1-DRA790 Datasheet
4Mb / 436P
[Old version datasheet]   Infotainment Applications Processor
DRA780 TI1-DRA780_V01 Datasheet
3Mb / 269P
[Old version datasheet]   DRA78x Infotainment Applications Processor
DRA780 TI1-DRA780_V02 Datasheet
3Mb / 269P
[Old version datasheet]   DRA78x Infotainment Applications Processor
DRA75P_1905 TI1-DRA75P_1905 Datasheet
6Mb / 484P
[Old version datasheet]   Infotainment Applications Processor Silicon Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com