Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PICDEM2 Datasheet(PDF) 10 Page - Microchip Technology

Part # PICDEM2
Description  simple board
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PICDEM2 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PICDEM2 Datasheet HTML 6Page - Microchip Technology PICDEM2 Datasheet HTML 7Page - Microchip Technology PICDEM2 Datasheet HTML 8Page - Microchip Technology PICDEM2 Datasheet HTML 9Page - Microchip Technology PICDEM2 Datasheet HTML 10Page - Microchip Technology PICDEM2 Datasheet HTML 11Page - Microchip Technology PICDEM2 Datasheet HTML 12Page - Microchip Technology PICDEM2 Datasheet HTML 13Page - Microchip Technology PICDEM2 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 60 page
background image
 2001 Microchip Technology Inc.
DS30374D-page 5
PICDEM 2 USER’S GUIDE
12
Chapter 2. Getting Started
The PICDEM 2 may be used as a stand-alone board or with an emulator. For
a list of PICmicro® 8-bit microcontroller-compatible emulators, please refer to
the Microchip Third Party Guide or the Development Systems Ordering
Guide.
2.1 PICDEM 2 as a Stand-alone Board –
Preprogrammed Device
The PICDEM 2 may be demonstrated immediately by following the steps
listed below:
• Make sure the pre-programmed sample device is in the appropriate
socket on the PICDEM 2 board.
• Make sure there are jumpers on J6 (to enable the LEDs) and J7 (to
enable the on-board RC oscillator).
• Apply power to the PICDEM 2 (Figure 2.1). For information on accept-
able power sources, see Appendix A.
• Press push-button S2 repeatedly to see the LEDs count up from 00h to
FFh. Press push-button S1 to reset.
Figure 2.1: PICDEM 2 Stand-Alone
Power Supply
PICDEM 2 Demo Board
Sample
Device
(not included)


Similar Part No. - PICDEM2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PICDEMPIC18 MICROCHIP-PICDEMPIC18 Datasheet
1Mb / 38P
   PICDEMPIC18 EXPLORER DEMONSTRATION BOARD USER?셎 GUIDE
2008
More results

Similar Description - PICDEM2

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
DEV-10274 SPARKFUN-DEV-10274 Datasheet
105Kb / 1P
   LilyPad Arduino Simple Board
10/12/2015
logo
Texas Instruments
LMZ20502EVM TI-LMZ20502EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
LMZ20501EVM TI-LMZ20501EVM Datasheet
3Mb / 13P
[Old version datasheet]   LMZ20502 SIMPLE SWITCHER짰 Evaluation Board
logo
Alpha & Omega Semicondu...
AOZ1020-EVA AOSMD-AOZ1020-EVA Datasheet
206Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1210-EVA AOSMD-AOZ1210-EVA Datasheet
401Kb / 5P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
AOZ1017-EVA AOSMD-AOZ1017-EVA Datasheet
215Kb / 4P
   EZBuck??3A Simple Buck Regulator Evaluation Board Note
AOZ1015-EVA AOSMD-AOZ1015-EVA Datasheet
203Kb / 4P
   EZBuck??1.5A Simple Buck Regulator Evaluation Board Note
AOZ1019-EVA AOSMD-AOZ1019-EVA Datasheet
200Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
logo
National Semiconductor ...
LMZ142033A NSC-LMZ142033A Datasheet
417Kb / 6P
   Demo Board SIMPLE SWITCHER짰 Power Module Quick Start Guide
logo
Maxim Integrated Produc...
MAX77597EVKIT MAXIM-MAX77597EVKIT Datasheet
827Kb / 7P
   Simple Two-Layer Board Serves as a Reference Design
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com