Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC38RF89 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF89
Description  Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
Download  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF89 Datasheet(HTML) 5 Page - Texas Instruments

  DAC38RF89 Datasheet HTML 1Page - Texas Instruments DAC38RF89 Datasheet HTML 2Page - Texas Instruments DAC38RF89 Datasheet HTML 3Page - Texas Instruments DAC38RF89 Datasheet HTML 4Page - Texas Instruments DAC38RF89 Datasheet HTML 5Page - Texas Instruments DAC38RF89 Datasheet HTML 6Page - Texas Instruments DAC38RF89 Datasheet HTML 7Page - Texas Instruments DAC38RF89 Datasheet HTML 8Page - Texas Instruments DAC38RF89 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 140 page
background image
5
DAC38RF82, DAC38RF89
www.ti.com
SLASEA6B – FEBRUARY 2017 – REVISED AUGUST 2017
Product Folder Links: DAC38RF82 DAC38RF89
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
C11, C12, D11, E11,
F12, J12, K11, L11,
M11, M12
Analog ground.
ALARM
K8
O
CMOS output for ALARM condition. Default polarity is active low, but can be changed to active high via
RESET_CONFIG alm_out_pol control bit..
AMUX0
G3
O
Analog test pin for SerDes, Lane 0 to Lane 3. Can be left floating.
AMUX1
F3
O
Analog test pin for SerDes, Lane 4 to Lane 7. Can be left floating.
ATEST
C8
O
Analog test pin for DAC, references and PLL. Can be left floating.
CLKTX+
A7
O
Divided output clock, internal 100 Ω differential termination, self-biased, positive terminal.
CLKTX-
A6
O
Divided output clock, internal 100 Ω differential termination, self-biased, negative terminal.
DACCLK+
A10
I
Device clock, internal 100 Ω differential termination, self-biased, positive terminal.
DACCLK-
A9
I
Device clock, internal 100 Ω differential termination, self-biased, negative terminal.
DACCLKSE
A12
I
Single ended device clock optional input. Can be left floating if not used, internal 50 Ω termination.
DGND
A2, B2, C2, D2, D6, E2,
E7, F2, F6, G2, G7, H6,
J7, K2, L2, L3, L4, L5,
M6
-
Digital ground.
EXTIO
C10
I/O
Requires a 0.1 μF decoupling capacitor to AGND.
GPI0
K7
-
Factory use only. User should GND.
GPI1
M7
-
Factory use only. User should GND.
GPO0
L7
O
Used for CMOS SYNC0\ signal.
GPO1
L6
O
Used for CMOS SYNC1\ signal.
IFORCE
D3
O
Test pin for on chip parametrics. Can be left floating.
RBIAS
C9
O
Full-scale output current bias. Change the full-scale output current through DACFS in register DACFS
(8.5.72). Expected to be 3.6 kΩ to GND for 40 mA full scale output.
RESET
K9
I
Active low input for chip RESET, which resets all the programming registers to their default state. Internal
pull-up.
RX0+
J1
I
CML SerDes interface lane 0 input, positive
RX0-
K1
I
CML SerDes interface lane 0 input, negative
RX1+
M1
I
CML SerDes interface lane 1 input, positive
RX1-
L1
I
CML SerDes interface lane 1 input, negative
RX2+
M2
I
CML SerDes interface lane 2 input, positive
RX2-
M3
I
CML SerDes interface lane 2 input, negative
RX3+
M5
I
CML SerDes interface lane 3 input, positive
RX3-
M4
I
CML SerDes interface lane 3 input, negative
RX4+
H1
I
CML SerDes interface lane 4 input, positive
RX4-
G1
I
CML SerDes interface lane 4 input, negative
RX5+
E1
I
CML SerDes interface lane 5 input, positive
RX5-
F1
I
CML SerDes interface lane 5 input, negative
RX6+
D1
I
CML SerDes interface lane 6 input, positive
RX6-
C1
I
CML SerDes interface lane 6 input, negative
RX7+
A1
I
CML SerDes interface lane 7 input, positive
RX7-
B1
I
CML SerDes interface lane 7 input, negative
SCLK
L9
I
Serial interface clock. Internal pull-down.
SDEN
M8
I
Active low serial data enable, always an input to the DAC38RFxx. Internal pull-up.
SDIO
M10
I/O
Serial interface data. Bi-directional in 3-pin mode (default) and uni-directional input 4-pin mode. Internal
pull-down.
SDO
M9
O
Uni-directional serial interface data output in 4-pin mode. The SDO pin is tri-stated in 3-pin interface
mode (default).
SLEEP
L8
I
Active high asynchronous hardware power-down input. Internal pull-down.
SYNC0+
C4
O
Synchronization request to transmitter for JESD204B link 0, LVDS positive output.
SYNC0-
C3
O
Synchronization request to transmitter for JESD204B link 0, LVDS negative output.
SYNC1+
C7
O
Synchronization request to transmitter for JESD204B link 1, LVDS positive output.
SYNC1-
C6
O
Synchronization request to transmitter for JESD204B link 1, LVDS negative output.


Similar Part No. - DAC38RF89

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF89 TI1-DAC38RF89 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF89IAAV TI1-DAC38RF89IAAV Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF89IAAVR TI1-DAC38RF89IAAVR Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
More results

Similar Description - DAC38RF89

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80_017 TI1-DAC38RF80_017 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
[Old version datasheet]   AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF52 TI-ADC32RF52 Datasheet
4Mb / 108P
[Old version datasheet]   ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com