Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC38RF83 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC38RF83
Description  Dual- or Single-Channel, Single-Ended or Differential Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface and On-Chip PLL
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC38RF83 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC38RF83 Datasheet HTML 7Page - Texas Instruments DAC38RF83 Datasheet HTML 8Page - Texas Instruments DAC38RF83 Datasheet HTML 9Page - Texas Instruments DAC38RF83 Datasheet HTML 10Page - Texas Instruments DAC38RF83 Datasheet HTML 11Page - Texas Instruments DAC38RF83 Datasheet HTML 12Page - Texas Instruments DAC38RF83 Datasheet HTML 13Page - Texas Instruments DAC38RF83 Datasheet HTML 14Page - Texas Instruments DAC38RF83 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 155 page
background image
11
DAC38RF80, DAC38RF83, DAC38RF84
DAC38RF85, DAC38RF90, DAC38RF93
www.ti.com
SLASEA3C – DECEMBER 2016 – REVISED JULY 2017
DAC38RF83 DAC38RF93
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Pin Functions - DAC38RF80, DAC38RF90, DAC38RF84
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
C11, C12, D11, E11,
F12, J12, K11, L11,
M11, M12, D12, L12
-
Analog ground.
ALARM
K8
O
CMOS output for ALARM condition. Default polarity is active low, but can be changed to active high via
RESET_CONFIG alm_out_pol control bit.
AMUX0
G3
O
Analog test pin for SerDes, Lane 0 to Lane 3. Can be left floating.
AMUX1
F3
O
Analog test pin for SerDes, Lane 4 to Lane 7. Can be left floating.
ATEST
C8
O
Analog test pin for DAC, references and PLL. Can be left floating.
CLKTX+
A7
O
Divided output clock, internal 100 Ω differential termination, self-biased, positive terminal.
CLKTX-
A6
O
Divided output clock, internal 100 Ω differential termination, self-biased, negative terminal.
DACCLK+
A10
I
Device clock, internal 100 Ω differential termination, self-biased, positive terminal.
DACCLK-
A9
I
Device clock, internal 100 Ω differential termination, self-biased, negative terminal.
DACCLKSE
A12
I
Single ended device clock optional input. Can be left floating if not used. internal 50 Ω termination
DGND
A2, B2, C2, D2, D6, E2,
E7, F2, F6, G2, G7, H6,
J7, K2, L2, L3, L4, L5,
M6
-
Digital ground.
EXTIO
C10
Requires a 0.1 μF decoupling capacitor to AGND.
GPI0
L6
Factory use only. User should GND.
GPI1
M7
Factory use only. User should GND.
GPO0
L7
Used for CMOS SYNC0\ signal.
GPIO1
K7
Used for CMOS SYNC1\ signal.
IFORCE
D3
Test pin for on chip parametrics. Can be left floating.
RBIAS
C9
I/O
Full-scale output current bias. Change the full-scale output current through DACFS in register DACFS
(8.5.72). Expected to be 3.6 kΩ to GND for 40 mA full scale output.
RESET
K9
I
Active low input for chip RESET, which resets all the programming registers to their default state. Internal
pull-up.
RX0+
J1
I
CML SerDes interface lane 0 input, positive
RX0-
K1
I
CML SerDes interface lane 0 input, negative
RX1+
M1
I
CML SerDes interface lane 1 input, positive
RX1-
L1
I
CML SerDes interface lane 1 input, negative
RX2+
M2
I
CML SerDes interface lane 2 input, positive
RX2-
M3
I
CML SerDes interface lane 2 input, negative
RX3+
M5
I
CML SerDes interface lane 3 input, positive
RX3-
M4
I
CML SerDes interface lane 3 input, negative
RX4+
H1
I
CML SerDes interface lane 4 input, positive
RX4-
G1
I
CML SerDes interface lane 4 input, negative
RX5+
E1
I
CML SerDes interface lane 5 input, positive
RX5-
F1
I
CML SerDes interface lane 5 input, negative
RX6+
D1
I
CML SerDes interface lane 6 input, positive
RX6-
C1
I
CML SerDes interface lane 6 input, negative
RX7+
A1
I
CML SerDes interface lane 7 input, positive
RX7-
B1
I
CML SerDes interface lane 7 input, negative
SCLK
L9
I
Serial interface clock. Internal pull-down.
SDEN
M8
I
Active low serial data enable, always an input to the DAC38RFxx. Internal pull-up.
SDIO
M10
I/O
Serial interface data. Bi-directional in 3-pin mode (default) and uni-directional input 4-pin mode. Internal
pull-down.
SDO
M9
O
Uni-directional serial interface data output in 4-pin mode. The SDO pin is tri-stated in 3-pin interface
mode (default).
SLEEP
L8
I
Active high asynchronous hardware power-down input. Internal pull-down.
SYNC0+
C4
O
Synchronization request to transmitter for JESD204B link 0, LVDS positive output.
SYNC0-
C3
O
Synchronization request to transmitter for JESD204B link 0, LVDS negative output.
SYNC1+
C7
O
Synchronization request to transmitter for JESD204B link 1, LVDS positive output.
SYNC1-
C6
O
Synchronization request to transmitter for JESD204B link 1, LVDS negative output.


Similar Part No. - DAC38RF83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF83 TI1-DAC38RF83 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF83 TI1-DAC38RF83 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF83IAAV TI1-DAC38RF83IAAV Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF83IAAV TI1-DAC38RF83IAAV Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF83IAAVR TI1-DAC38RF83IAAVR Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
More results

Similar Description - DAC38RF83

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC38RF80 TI1-DAC38RF80_17 Datasheet
3Mb / 155P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF80 TI1-DAC38RF80 Datasheet
2Mb / 152P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended or Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip PLL
DAC38RF86 TI1-DAC38RF86 Datasheet
2Mb / 141P
[Old version datasheet]   Dual- or Single-Channel, Single-Ended, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface and On-Chip GSM PLL
DAC38RF82 TI1-DAC38RF82 Datasheet
2Mb / 139P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-bit, 9-GSPS, RF-Sampling DAC with JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
DAC38RF82 TI1-DAC38RF82_17 Datasheet
3Mb / 140P
[Old version datasheet]   Dual-Channel, Differential-Output, 14-Bit, 9-GSPS, RF-Sampling DAC With JESD204B Interface, On-Chip PLL and Wide-Band Interpolation
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
[Old version datasheet]   Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
[Old version datasheet]   AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
[Old version datasheet]   Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com