Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74ST1G08 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI74ST1G08
Description  SOTiny Gate ST 2-Input
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ST1G08 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI74ST1G08 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ST1G08 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
PS8517E
07/07/04
PI74ST1G08
SOTinyGate ST 2-Input
AC Electrical Characteristics
Symbol
Parameter
VCC(V)
Conditions
TA = +25ºC
TA = -40º C to +85ºC
Units
Fig.
No.
Min.
Typ.
Max.
Min.
Max
tPLH
tPHL
Propagation Delay
1.8
2.5±0.2
3.3±0.3
CL = 15pF,
RL = 1MΩ
2.2
0.8
0.5
3.0
1.9
1.3
4.0
2.6
2.0
2.0
0.8
0.5
4.4
2.8
2.2
ns
1
3
tPLH
tPHL
Propagation Delay
3.3±0.3
CL = 50pF,
RL = 500Ω
1.5
2.9
3.8
1.5
4.2
1
3
CIN
Input Capacitance
VIN = 0
4
pF
CPD
Power Dissipation
Capacitance
3.3
Note 3
20
2
Notes:
3.
CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no
output loading and operating at 50% duty cycle (see Figure 2). CPD is related to ICCD dynamic operating current by the expression: ICCD =
(CPD)(VCC)(fIN) + (ICC static).
AC Loading and Waveforms
Figure 1. AC Test Circuit
Figure 2. ICCD Test Circuit
Figure 3. AC Waveforms
CL includes load and stray capacitance
Input PRR = 1.0 MHz; tW = 500ns
Input
RL
CL
VCC
Output
Input = AC Waveform; tr = tf = 1.8ns;
PRR = 10 MHz; Duty Cycle = 50%
Input
VCC
A
VOH
GND
Input
Output
tW
tPLH
tr = 3ns
tf = 3ns
tPHL
VOL
50%
50%
50%
50%
90%
90%
10%
10%
VCC


Similar Part No. - PI74ST1G08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G08 PERICOM-PI74ST1G08 Datasheet
365Kb / 5P
   The PI74ST1G08 is a 2-Input AND Gate that operates over the 1.8V to 3.6V VCC operating range.
PI74ST1G08CEX PERICOM-PI74ST1G08CEX Datasheet
365Kb / 5P
   The PI74ST1G08 is a 2-Input AND Gate that operates over the 1.8V to 3.6V VCC operating range.
More results

Similar Description - PI74ST1G08

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74ST1G86 PERICOM-PI74ST1G86 Datasheet
154Kb / 4P
   SOTiny Gate ST 2-Input Exclusive OR
PI74STX1G08 PERICOM-PI74STX1G08 Datasheet
154Kb / 4P
   SOTiny Gate STX 2-Input
PI74STX1G08CEX PERICOM-PI74STX1G08CEX Datasheet
538Kb / 5P
   SOTiny Gate STX 2-Input
PI74STX1G02 PERICOM-PI74STX1G02 Datasheet
164Kb / 4P
   SOTiny??Gate STX 2-Input NOR
PI74ST1G02 PERICOM-PI74ST1G02 Datasheet
331Kb / 4P
   SOTiny Logic 2-Input NOR Gate
PI74STX1GT08 PERICOM-PI74STX1GT08 Datasheet
160Kb / 4P
   SOTiny Gate STX 2-Input AND
PI74ST1G00 PERICOM-PI74ST1G00 Datasheet
338Kb / 4P
   SOTiny Logic 2-Input NAND Gate
PI74STX2G08 PERICOM-PI74STX2G08 Datasheet
174Kb / 5P
   SOTiny Gate STX Dual 2-Input AND
PI74ST1G32 PERICOM-PI74ST1G32 Datasheet
266Kb / 4P
   SOTiny-TM Logic 2-Input OR Gate
PI74STX1GT04 PERICOM-PI74STX1GT04 Datasheet
154Kb / 4P
   SOTiny Gate STX Inverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com