Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ34210IPWQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ34210IPWQ1
Description  Automotive 1-Series Cell System-Side CEDV Fuel Gauge for Rarely Discharged Batteries
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ34210IPWQ1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ34210IPWQ1 Datasheet HTML 1Page - Texas Instruments BQ34210IPWQ1 Datasheet HTML 2Page - Texas Instruments BQ34210IPWQ1 Datasheet HTML 3Page - Texas Instruments BQ34210IPWQ1 Datasheet HTML 4Page - Texas Instruments BQ34210IPWQ1 Datasheet HTML 5Page - Texas Instruments BQ34210IPWQ1 Datasheet HTML 6Page - Texas Instruments BQ34210IPWQ1 Datasheet HTML 7Page - Texas Instruments BQ34210IPWQ1 Datasheet HTML 8Page - Texas Instruments BQ34210IPWQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
1
SDA
14
ALERT
2
SCL
13
NC
3
VSS
12
TS
4
NC
11
NC
5
REG18
10
SRP
6
NC
9
SRN
7
REGIN
8
NC
Not to scale
3
bq34210-Q1
www.ti.com
SLUSCG1 – AUGUST 2017
Product Folder Links: bq34210-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
IO = Digital input-output, AI = Analog input, P = Power connection, NC = No internal connection
5 Pin Configuration and Functions
Pin Functions
NUMBER
NAME
TYPE
DESCRIPTION
1
SDA
IO(1)
Open drain slave I2C serial communication data line. Use with a 10-kΩ pullup resistor (typical).
2
SCL
IO
Slave I2C serial communication clock input. Use with a 10-kΩ pullup resistor (typical).
3
VSS
P
Device ground
5
REG18
P
Capacitor required for the 1.8-V integrated LDO. Decouple with 2.2-µF ceramic capacitor to VSS.
7
REGIN
P
Battery voltage input and integrated LDO input. Decouple with 1-µF ceramic capacitor to VSS.
9
SRN
AI
Analog input pin connected to the internal coulomb-counter peripheral for integrating a small voltage between
SRP and SRN where the voltage at SRN will be lower than SRP during a charging event
10
SRP
AI
Analog input pin connected to the internal coulomb-counter peripheral for integrating a small voltage between
SRP and SRN where the voltage at SRP will be higher than SRN during a charging event
12
TS
AI
Pack thermistor voltage sense (use 103AT-type thermistor). Disable TS with a 10-kΩ resistor to VSS. Do not
leave floating.
14
ALERT
IO
Open drain ALERT output, requires a pullup resistor (typical 10 kΩ). Used as an input to exit SHUTDOWN mode
4, 6, 8,
11, 13
NC
NC
No internal connection
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VREGIN
REGIN pin input voltage range
–0.3
6
V
VSR
SRP and SRN pins input voltage range
–0.3
VREGIN +
0.3
V
Differential voltage across SRP and SRN. ABS(SRP – SRN)
–0.3
2
V
VREG18
REG18 LDO output for capacitor only (not a supply pin)
–0.3
2
V
VIOD
Open-drain IO pins (SDA, SCL)
–0.3
6
V
VALERT
Open Drain Output / Control Input (ALERT)
–0.3
6
V
VAI
TS
–0.3
REG18 +
0.3
V
TA
Operating free-air temperature range
–40
85
°C
Storage temperature, Tstg
–65
150
°C


Similar Part No. - BQ34210IPWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ34110 TI1-BQ34110 Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
BQ34110PW TI1-BQ34110PW Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
BQ34110PWR TI1-BQ34110PWR Datasheet
164Kb / 7P
[Old version datasheet]   Multi-Chemistry CEDV Battery Gas Gauge
BQ34Z100 TI-BQ34Z100 Datasheet
880Kb / 50P
[Old version datasheet]   Wide Range Fuel Gauge with Impedance Track??Technology
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
[Old version datasheet]   Wide Range Fuel Gauge
More results

Similar Description - BQ34210IPWQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com