Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ25120AYFPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25120AYFPR
Description  Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25120AYFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25120AYFPR Datasheet HTML 2Page - Texas Instruments BQ25120AYFPR Datasheet HTML 3Page - Texas Instruments BQ25120AYFPR Datasheet HTML 4Page - Texas Instruments BQ25120AYFPR Datasheet HTML 5Page - Texas Instruments BQ25120AYFPR Datasheet HTML 6Page - Texas Instruments BQ25120AYFPR Datasheet HTML 7Page - Texas Instruments BQ25120AYFPR Datasheet HTML 8Page - Texas Instruments BQ25120AYFPR Datasheet HTML 9Page - Texas Instruments BQ25120AYFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
6
bq25120A
SLUSD08 – MAY 2017
www.ti.com
Product Folder Links: bq25120A
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage
IN
wrt GND
–0.3
20
V
PMID, VINLS
wrt GND
–0.3
7.7
V
CD, SDA, SCL, ILIM, ISET, IPRETERM, LSCTRL,
INT, RESET, TS
wrt GND
–0.3
5.5
V
Output voltage
SYS
3.6
V
Input current
IN
400
mA
Sink current
INT
10
mA
Sink/Source Current
RESET
10
mA
Output Voltage Continuos
SW
–0.7
7.7
V
Output Current Continuous
SW
400
mA
SYS, BAT
300
mA
Current
LS/LDO
150
mA
BAT Operating Voltage
VBAT, MR,
6.6
V
Junction Temperature
–40
125
°C
Storage Temperature, Tstg
300
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
Any voltage greater than shown should be a transient event.
(2)
These inputs will support 6.6 V for less than 10% of the lifetime at V(BAT) or VIN, with a reduced current and/or performance.
8.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
IN voltage range
3.4
5
20
V
IN operating voltage range, recommended
3.4
5
5.5
V(BAT)
V(BAT) operating voltage range
5.5(1)
V
V(VINLS)
VINLS voltage range for Load Switch
0.8
5.5(2)
V
V(VINLS)
VINLS voltage range for LDO
2.2
5.5
V
IIN
Input Current, IN input
400
mA
I(SW)
Output Current from SW, DC
300
mA
I(PMID)
Output Current from PMID, DC
300
mA
ILS/LDO
Output Current from LS/LDO
100
mA
I(BAT), I(SYS)
Charging and discharging using internal battery FET
300
mA
TJ
Operating junction temperature range
–40
125
°C


Similar Part No. - BQ25120AYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25120 TI1-BQ25120 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3AYFPR TI-BQ25120F3AYFPR Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3AYFPT TI-BQ25120F3AYFPT Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120YFPR TI1-BQ25120YFPR Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
More results

Similar Description - BQ25120AYFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25125 TI1-BQ25125 Datasheet
2Mb / 69P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution For Wearables and IoT
BQ25121A TI1-BQ25121A Datasheet
2Mb / 70P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25122 TI1-BQ25122 Datasheet
2Mb / 70P
[Old version datasheet]   Low IQ Highly Integrated Battery Charge Management Solution for Hearables, Wearables, and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 66P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120 TI-BQ25120_15 Datasheet
1Mb / 68P
[Old version datasheet]   bq25120 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25120F3A TI-BQ25120F3A Datasheet
3Mb / 74P
[Old version datasheet]   BQ25120F3A 700-nA Low IQ Highly Integrated Battery Charge Management Solution for Wearables and IoT
BQ25123 TI-BQ25123 Datasheet
3Mb / 72P
[Old version datasheet]   BQ25123 700-nA Low Iq Highly Integrated Battery Charge Management Solution for Wearables
BQ25120 TI1-BQ25120_16 Datasheet
2Mb / 68P
[Old version datasheet]   Highly Integrated Battery Charge Management Solution
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
MAXM17624 MAXIM-MAXM17624 Datasheet
619Kb / 10P
   Highly Integrated Solution
Rev 0; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com