Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2405A-1WIE Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C2405A-1WIE
Description  Zero-Delay Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2405A-1WIE Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C2405A-1WIE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2405A-1WIE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2405A-1WIE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2405A-1WIE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2405A-1WIE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2405A-1WIE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2405A-1WIE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
PS8592D
09/22/04
PI6C2405A
Zero Delay Clock Buffer
AC Electrical Characteristics for Commercial Temperature Devices
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Units
FO
Output Frequency
30pF load
10
100
MHz
15pF load
10
133
tDC
Duty Cycle(1) (-1)
Measured at VDD/2, FO < 66 MHz, 30pF load
40
50
60
%
Duty Cycle(1) (-1H)
Measured at VDD/2, FO < 66 MHz, 30pF load
45
50
55
tR
Rise Time(1) @ 30pF
Measured between 0.8V and 2.0V
2.2
ns
Rise Time(1) @ 15pF
1.5
Rise Time(1) @ 30pF (-1H)
1.5
tF
Fall Time(1) @ 30pF
Measured between 0.8V and 2.0V
2.2
Fall Time(1) @ 15pF
1.5
Fall Time(1) @ 30pF (-1H)
1.5
tsk(o)
Output to Output skew (-1,
-1H)(1)
All outputs equally loaded
200
ps
t0
Input to output delay,
CLKIN Rising Edge to
OUT0 Rising Edge(1)
Measured at VDD/2
0
±300
tSK(D)
Device-to-device skew(1)
Measured at VDD/2 on OUT0 pins of device
0
600
tSLEW
Output slew rate (1)
Measured between 0.8V and 2.0V on -1H
device using Test Circuit #2
1
V/ns
tJIT
Cycle-to-Cycle Jitter
(-1, -1H)
Measured at 66.67 MHz, loaded 30pF load
200
ps
tLOCK
PLL Lock time (1)
Stable power supply, valid clocks presented
on CLKIN pin
1.0
ms
Notes:
1. See Switching Waveforms on page 5.
DC Electrical Characteristics for Commercial Temperature Devices
Parameter
Description
Test Conditions
Min.
Max.
Units
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
IIL
Input LOW Current
VIN = 0V
50
µA
IIH
Input HIGH Current
VIN = VDD
125
VOL
Output LOW Voltage
IOL = -8mA(-1); IOL = 12mA(-1H)
0.4
V
VOH
Output HIGH Voltage
IOH = -8mA(-1); IOH = -12mA(-1H)
2.4
IDD
Supply Current
Unloaded outputs 100 MHz, Select inputs at VDD or GND
54
mA
Unloaded outputs 66.67 MHz, select inputs at VDD or GND
39


Similar Part No. - PI6C2405A-1WIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2405A-1HLE PERICOM-PI6C2405A-1HLE Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A-1HLIE PERICOM-PI6C2405A-1HLIE Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A-1HWE PERICOM-PI6C2405A-1HWE Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A-1HWIE PERICOM-PI6C2405A-1HWIE Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A-1LE PERICOM-PI6C2405A-1LE Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2405A-1WIE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com