Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS114S06BIRHBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS114S06BIRHBR
Description  Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC With PGA and Voltage Reference
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS114S06BIRHBR Datasheet(HTML) 4 Page - Texas Instruments

  ADS114S06BIRHBR Datasheet HTML 1Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 2Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 3Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 4Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 5Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 6Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 7Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 8Page - Texas Instruments ADS114S06BIRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
4
ADS114S06B, ADS114S08B
SBAS852 – AUGUST 2017
www.ti.com
Product Folder Links: ADS114S06B ADS114S08B
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
See the Unused Inputs and Outputs section for details on how to connect unused pins.
(2)
General-purpose inputs and outputs use logic levels based on the analog supply.
Pin Functions
PIN
FUNCTION
DESCRIPTION(1)
NO.
NAME
1
AINCOM
Analog input
Common analog input for single-ended measurements
2
AIN5
Analog input
Analog input 5
3
AIN4
Analog input
Analog input 4
4
AIN3
Analog input
Analog input 3
5
AIN2
Analog input
Analog input 2
6
AIN1
Analog input
Analog input 1
7
AIN0
Analog input
Analog input 0
8
START/SYNC
Digital input
Start conversion
9
CS
Digital input
Chip select; active low
10
DIN
Digital input
Serial data input
11
SCLK
Digital input
Serial clock input
12
DOUT/DRDY
Digital output
Serial data output combined with data ready; active low
13
DRDY
Digital output
Data ready; active low
14
DGND
Digital ground
Digital ground
15
IOVDD
Digital supply
Digital I/O power supply. In case IOVDD is not tied to DVDD, connect a 100-nF (or larger) capacitor to
DGND.
16
DVDD
Digital supply
Digital core power supply. Connect a 100-nF (or larger) capacitor to DGND.
17
CLK
Digital input
External clock input. Connect to DGND to use the internal oscillator.
18
RESET
Digital input
Reset; active low
19
GPIO3/AIN11
Analog input/output
General-purpose I/O(2); analog input 11 (ADS114S08B only)
20
GPIO2/AIN10
Analog input/output
General-purpose I/O(2); analog input 10 (ADS114S08B only)
21
GPIO1/AIN9
Analog input/output
General-purpose I/O(2); analog input 9 (ADS114S08B only)
22
GPIO0/AIN8
Analog input/output
General-purpose I/O(2); analog input 8 (ADS114S08B only)
23
REFOUT
Analog output
Positive voltage reference output. Connect a 1-µF to 47-µF capacitor to REFCOM if the internal
voltage reference is enabled.
24
REFCOM
Analog output
Negative voltage reference output. Connect to AVSS.
25
NC
Leave unconnected or connect to AVSS
26
AVDD
Analog supply
Positive analog power supply. Connect a 330-nF (or larger) capacitor to AVSS.
27
AVSS
Analog supply
Negative analog power supply
28
AVSS
Analog supply
Negative analog power supply
29
REFN0
Analog input
Negative external reference input 0
30
REFP0
Analog input
Positive external reference input 0
31
REFN1/AIN7
Analog input
Negative external reference input 1; analog input 7 (ADS114S08B only)
32
REFP1/AIN6
Analog input
Positive external reference input 1; analog input 6 (ADS114S08B only)
Pad
Thermal Pad
RHB package only. Thermal power pad. Connect to AVSS.


Similar Part No. - ADS114S06BIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IPBS TI1-ADS114S06IPBS Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IPBSR TI1-ADS114S06IPBSR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IRHBR TI1-ADS114S06IRHBR Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
ADS114S06IRHBT TI1-ADS114S06IRHBT Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
More results

Similar Description - ADS114S06BIRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS114S06 TI1-ADS114S06 Datasheet
1Mb / 103P
[Old version datasheet]   Low-Power, Low-Noise, Highly Integrated, 6- and 12-Channel, 4-kSPS, 16-Bit, Delta-Sigma ADC with PGA and Voltage Reference
logo
Analog Devices
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7173-8 AD-AD7173-8 Datasheet
1Mb / 64P
   Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
REV. 0
logo
Microchip Technology
MCP3465R MICROCHIP-MCP3465R Datasheet
3Mb / 110P
   Two-Channel, 153.6 ksps, Low Noise 16-Bit Delta-Sigma ADC with Internal Voltage Reference
Revision C April 2021
logo
Analog Devices
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
   32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com