Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T496B227M006CT611B Datasheet(PDF) 8 Page - Kemet Corporation

Part # T496B227M006CT611B
Description  Tantalum Surface Mount Capacitors
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496B227M006CT611B Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T496B227M006CT611B Datasheet HTML 4Page - Kemet Corporation T496B227M006CT611B Datasheet HTML 5Page - Kemet Corporation T496B227M006CT611B Datasheet HTML 6Page - Kemet Corporation T496B227M006CT611B Datasheet HTML 7Page - Kemet Corporation T496B227M006CT611B Datasheet HTML 8Page - Kemet Corporation T496B227M006CT611B Datasheet HTML 9Page - Kemet Corporation T496B227M006CT611B Datasheet HTML 10Page - Kemet Corporation T496B227M006CT611B Datasheet HTML 11Page - Kemet Corporation T496B227M006CT611B Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
TC111_SPACE • 4/14/2014
8
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2025_T493_SPACE • 4/14/2014
44
Tantalum Surface Mount Capacitors
High Reliability COTS (CWR11 Style) – T493 Series COTS Space Grade
Test Methods
X = Included in test option
* Group B Testing = 10,000 Cycles Surge Current, 85°C, 40% Vr
** Group C Post Moisture ESR limit = 1.25 initial limit
*** 2 Plane X-ray = Top and side views, molded case wall thickness minimum 0.005" on all sides, negative/positive termination attachment criteria per MIL- STD-1580
Test Sequence
Test Method
Option A Option B Option C
100% Serialization
KEMET Standard
X
100% IR Reflow
MIL-PRF-55365
X
X
X
100% Thermal Shock
MIL-PRF-55365
X
X
X
100% Electrical Verification
KEMET Standard
X
X
Read and Record Attributes/Variables Data
KEMET Standard
X
100% Surge Current, Option C with 5% PDA Calculation
MIL-PRF-55365 with 5% PDA Calculation
X
X
X
100% Electrical Verification
KEMET Standard
X
X
Read and Record Attributes/Variables Data
KEMET Standard
X
100% Voltage Aging, 10 hours @1.32 Vr
MIL-PRF-55365
X
X
100% Electrical Verification
KEMET Standard
X
X
100% Weibull Grading B or C
MIL-PRF-55365
X
X
X
100% Electrical Verification
KEMET Standard
X
X
X
Read and Record Attributes/Variables Data
KEMET Standard
X
100% Surge Current, Option A or B with 5% PDA Calculation
MIL-PRF-55365 with 5% PDA Calculation
X
X
X
100% Electrical Verification
KEMET Standard
X
X
X
Read and Record Attributes/Variables Data
KEMET Standard
X
3 Sigma Screening - All Electricals
KEMET Standard
X
X
X
Read and Record Attributes/Variables Data
KEMET Standard
X
Destructive Physical Analysis (DPA) (5 pieces- each lot)
MIL-PRF-55365
X
X
X
Group B Testing (22 pieces - each lot)
* See Note Below
X
X
Temperature Stability - sample
MIL-PRF-55365
X
X
X
Solderability - Sample
MIL-PRF-55365
X
X
X
Group C Testing (57 pieces - each Lot)**
MIL-PRF-55365
X
X
100% X-ray
MIL-PRF-55365
X
100% X-ray - 2 Plane***
MIL-PRF-55365 and KEMET Standard
X
X
100% Physical Dimension Verification
MIL-PRF-55365
X
X
X
Data Pack
Group A and C Summaries
X
X
2 Plane X-ray JPEG photos
X
X
DPA Report
X
X
Attributes/Variables Data for Cap/Df/DCL/ESR
X


Similar Part No. - T496B227M006CT611B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496B227M006AHE500 KEMET-T496B227M006AHE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496B227M006AHE5007280 KEMET-T496B227M006AHE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496B227M006ATE500 KEMET-T496B227M006ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496B227M006ATE5007280 KEMET-T496B227M006ATE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results

Similar Description - T496B227M006CT611B

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com