Electronic Components Datasheet Search |
|
CE-24BA-S-D Datasheet(PDF) 4 Page - DDK Ltd. |
|
CE-24BA-S-D Datasheet(HTML) 4 Page - DDK Ltd. |
4 / 10 page http://www.ddknet.co.jp CE05 Series 4 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○Alternate Insert Position ○Configuration ● Plug Type Waterproof on Mated ● Box Mount Receptacle CE05-2A Individual Waterproof ■ Intermateable with D/MS series ● Straight Plug Type CE05-6A-D-BSS Waterproof on Mated ● Angle Type CE05-8A-D-BAS Waterproof on Mated ● Waterproof Cable Clamp CE3057- □□ A ● Conduit To avoid cross-mating problems in applications requiring the use of more than one connector of the same size and insert arrangement, alternate insert positions are available as indicated or as shown in the diagram below. ☆ The safety standard, VDE, is applied only to the equipment which uses more than 60V DC. It is not applied to the insert arrangements of 20-29 or 22-14 which are used for signal transmission. In the case of using 20-29 and 22-14 CE02 series and D/MS series are available. Front View of Pin Insert (Rear View of Socket Insert) K.Ishii J.Hiratsuka NOV.7.2005 NOV.7.2005 DDK Ltd. REQD ITEM A3 4 5 DRAWING No. PART NAME MATERIAL FINISH REV. TITLE DRAWING No. DIMENSION ANGLE PROJECTION DESIGNED DRAWNBY APPROVED CHECKED A (STRAIGHT PLUG) D/MS3106A12S-×××(D190) K-511726(2/2) ~ mm ~ CONTACT SIZES ※ FRONT VIEW OF PIN INSERT INSERT No. A 2-#16 215 12S-3 X 12S-3 W CL Z X Y W 145 Y 70 290 Z #16 #12 #8 #4 #0 No.OF CONTACT INSERT No. SERV. A B Insert No. Number of Contact Alternate Insert Position W X Y Z 10SL-3 3 14S-2 4 120° 240° 18-10 4 120° 240° 18-12 6 80° 280° 20-4 4 45° 110° 250° 20-15 7 80° 280° 20-18 9 22-22 4 110° 250° 22-23 8 35° 24-10 7 80° 280° 24-11 9 32-17 4 45° 110° 250° Conduit Manufactures ・Nipolex http://www.nipolex.co.jp/ ・DAIWA DENGYO http://www.daiwadengyo.co.jp/index.html ・NEOFLEX http://www.neoflex.co.jp/ ・SANKEI http://www.sankei-ss.co.jp/aisatu.html |
Similar Part No. - CE-24BA-S-D |
|
Similar Description - CE-24BA-S-D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |