Electronic Components Datasheet Search |
|
CE05-6A24-11SGH-D-BSS Datasheet(PDF) 5 Page - DDK Ltd. |
|
CE05-6A24-11SGH-D-BSS Datasheet(HTML) 5 Page - DDK Ltd. |
5 / 10 page Unit:mm http://www.ddknet.co.jp CE05 Series 5 ◎ Specifications and/or dimensions in this catalog are subject to change without notice. Your checking the latest specifications with our drawings would be highly appreciated. ○ Box Mount Receptacle Connector Note : CE05-2A □□ - □□ S □ -D has reverse style of the contacts which are the socket contacts. The mating half connectors should have the pin contacts. Front Mounting P/N : CE05-2A18-10 P DYS -D ① ② ③ ④ ⑤ ⑥ ⑦ ⑧ L1 C L2 C CE05-2A20-15PD××-D K-511708 D端子 114-18UNEF-2Aねじ □K □J φL H F E B C A Contact Part Number A B -0.50 C±0.35 E±0.5 F±1 G±0.5 H J±0.12 K±0.5 φL -0.12 CE05-2A10SL-3PC-D 5/8-24UNEF-2A 14.27 2.15 23.5 12.4 16.0 9.53 18.26 25.4 3.05 CE05-2A14S-2PD-D 7/8-20UNEF-2A 14.27 2.15 23.5 12.4 20.75 9.53 23.01 30.2 3.05 CE05-2A18-10PD-D 1 1/8-18UNEF-2A 19.05 2.75 30.5 14.2 27.0 15.88 26.97 34.9 3.05 CE05-2A18-10SD-D 18.6 CE05-2A18-12PD-D 13.3 CE05-2A20-4PD-D 1 1/4-18UNEF-2A 19.05 2.75 30.6 14.2 32.0 15.88 29.36 38.1 3.05 CE05-2A20-4SD-D 18.6 CE05-2A20-15PD-D 14.2 CE05-2A20-15SD-D 18.6 CE05-2A20-18PDE-D 14.7 CE05-2A22-22PD-D 1 3/8-18UNEF-2A 19.05 2.75 31.5 17.2 33.0 15.88 31.75 41.3 3.05 CE05-2A22-22SD-D 22.0 CE05-2A22-23PD-D 14.3 CE05-2A22-23SD-D 18.6 CE05-2A24-10PD-D 1 1/2-18UNEF-2A 20.63 2.75 33.85 15.6 36.0 15.88 34.92 44.4 3.74 CE05-2A24-10PG-D 15.6 CE05-2A24-11PGH-D 15.6 CE05-2A32-17PD-D 2-18UNS-2A 22.23 3.35 38.15 20.2 48.0 15.88 44.45 56.9 4.30 CE05-2A32-17SD-D 20.62 +0.97 +0.25 R T 穴 C±0.13 S L B M K W D 7.93以上 12.7 以下 品名 図番 材質 処理・他 第3角法 1 K-511837(1/2) (ボックスレセプタクルシェル) D/MS3102A24-××××(××) B Dia. A1,A2 Panel E1 E2 Screw +0.25 -0.12 Panel Mounting Dimension Shell Size Front Mounting Rear Mounting B C D E1 Max. E2 Max. Panel Mounting Screw(Ref) A1 (Min.) A2 (Min.) 10SL 16.8 16.6 3.05 18.26 47 10 3.0 M3 14S 21.7 23.0 3.05 23.01 53 10 3.0 M3 18 28.0 29.3 3.05 26.97 59 10 3.0 M3 20 33.0 32.5 3.05 29.36 62 10 3.0 M3 22 34.0 35.7 3.05 31.75 70 10 3.0 M3 24 37.0 38.8 3.75 34.92 73 10 3.0 M3.5 32 49.3 51.5 4.40 44.45 86 10 3.0 M4 Note: Place a gasket on the rear of the flange. (Thickness: 1.6mm) ① Shell Style 2A:Box Mount Receptacle ② Shell Size 10SL, 14S, 18, 20, 22, 24 and 32 ③ lnsert Arrangement Refer to page 3 ④ Contact Style P : Pin Contact S : Socket Contact ⑤ Ground Contact Refer to page 3 ⑥ Alternate Insert Position Omit : Standard W, X, Y, Z : Refer to page 4 ⑦ Gasket Omit : Without Gasket S : With Gasket ⑧ Finish D : Black Trivalent Chromium Treatment R T 穴 C±0.13 S L B M K W D 7.93以上 12.7 以下 品名 図番 材質 処理・他 第3角法 1 K-511837(1/2) (ボックスレセプタクルシェル) D/MS3102A24-××××(××) B Dia. A1,A2 Panel E1 E2 Screw +0.25 -0.12 Rear Mounting Note: When the ground contacts are 2 pcs., two letters which stands for the ground contact are filled in ⑤ . |
Similar Part No. - CE05-6A24-11SGH-D-BSS |
|
Similar Description - CE05-6A24-11SGH-D-BSS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |