Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ27VAL Datasheet(PDF) 9 Page - Rohm

Part # MMBZ27VAL
Description  Transient Voltage suppressor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMBZ27VAL Datasheet(HTML) 9 Page - Rohm

Back Button MMBZ27VAL Datasheet HTML 2Page - Rohm MMBZ27VAL Datasheet HTML 3Page - Rohm MMBZ27VAL Datasheet HTML 4Page - Rohm MMBZ27VAL Datasheet HTML 5Page - Rohm MMBZ27VAL Datasheet HTML 6Page - Rohm MMBZ27VAL Datasheet HTML 7Page - Rohm MMBZ27VAL Datasheet HTML 8Page - Rohm MMBZ27VAL Datasheet HTML 9Page - Rohm MMBZ27VAL Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Datasheet
Datasheet
Notice – WE
Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
General Precaution
1. Before you use our Pro ducts, you are requested to care fully read this document and fully understand its contents.
ROHM shall n ot be in an y way responsible or liabl e for fa ilure, malfunction or acci dent arising from the use of a ny
ROHM’s Products against warning, caution or note contained in this document.
2. All information contained in this docume nt is current as of the issuing date and subj ect to change without any prior
notice. Before purchasing or using ROHM’s Products, please confirm the la test information with a ROHM sale s
representative.
3. The information contained in this doc ument is provi ded on an “as is” basis and ROHM does not warrant that all
information contained in this document is accurate an d/or error-free. ROHM shall not be in an y way responsible or
liable for any damages, expenses or losses incurred by you or third parties resulting from inaccuracy or errors of or
concerning such information.


Similar Part No. - MMBZ27VAL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ27VAL DIODES-MMBZ27VAL Datasheet
71Kb / 4P
   24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 5 - 2
logo
Rohm
MMBZ27VAL ROHM-MMBZ27VAL Datasheet
1Mb / 10P
   Transient Voltage suppressor
logo
ON Semiconductor
MMBZ27VAL ONSEMI-MMBZ27VAL Datasheet
70Kb / 8P
   24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
Rohm
MMBZ27VAL ROHM-MMBZ27VAL Datasheet
1Mb / 10P
   Transient Voltage suppressor
logo
NXP Semiconductors
MMBZ27VAL NXP-MMBZ27VAL Datasheet
78Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
More results

Similar Description - MMBZ27VAL

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com