Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C2409 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2409
Description  Zero-Delay Clock Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2409 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2409 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C2409 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8613A
07/15/03
1
2
3
VDD
4
GND
5
OUTA2
6
OUTB2
7
SEL1
8
OUTB1
OUT0
OUTA3
VDD
OUTB4
OUTB3
SEL2
16
15
14
13
12
11
10
9
CLKIN
OUTA1
GND
OUTA4
ProductFeatures
• Maximumratedfrequency:133MHz
• Low cycle-to-cycle jitter
• Input to output delay, less than 200ps
• Internal feedback allows outputs to be synchronized
to the clock input
• Operates at 3.3V VDD
• Space-saving Packages:
150-milSOIC (W)
173-milTSSOP (L)
FunctionalDescription
The PI6C2409 is a PLL based, zero-delay buffer, with the ability
to distribute nine outputs of up to 133MHz at 3.3V.
All the outputs are distributed from a single clock input CLKIN and
output OUT0 performs zero delay by connecting a feedback to PLL.
PI6C2409 has two banks of four outputs that can be controlled by
theselectioninputs,SEL1&SEL2.Italsohasapowersparingfeature:
when input SEL1 is 0 and SEL2 is 1, PLL is turned off and all
outputs are referenced from CLKIN. PI6C2409 is available in
high drive and industrial environment versions.
An internal feedback on OUT0 is used to synchronize the
outputs to the input; the relationship between loading of this signal
and the outputs determines the input-output delay.
PI6C2409 are characterized for both commercial and
industrial operation
Block Diagram
PinConfiguration
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Zero-Delay Clock Buffer
PI6C2409
16-Pin
W, L
PLL
CLKIN
SEL1
SEL2
Decode
Logic
OUTA1
OUTA2
OUTA3
OUTA4
OUTB2
OUTB3
OUTB4
OUTB1
PI6C2409(-1, -1H)
MUX
OUT0


Similar Part No. - PI6C2409

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1HLE PERICOM-PI6C2409-1HLE Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1HLEX PERICOM-PI6C2409-1HLEX Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1HLIE PERICOM-PI6C2409-1HLIE Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2409-1HLIEX PERICOM-PI6C2409-1HLIEX Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
More results

Similar Description - PI6C2409

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
   Zero-Delay Clock Buffer
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
   Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A_10 Datasheet
916Kb / 8P
   Zero-Delay Clock Buffer
PI6C2405A PERICOM-PI6C2405A Datasheet
465Kb / 7P
   Zero-Delay Clock Buffer
PI6C2408 PERICOM-PI6C2408 Datasheet
199Kb / 10P
   Zero-Delay Clock Buffer
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com