Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5261B Datasheet(PDF) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMSZ5261B
Description  Zener Diode in a SOD-123 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMSZ5261B Datasheet(HTML) 6 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMSZ5261B Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5261B Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5261B Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5261B Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5261B Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5261B Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5261B Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MMSZ52XXB
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
6 / 7
印章说明 / Marking Instructions
说明:
H: 
为公司代码
H2:
为型号代码
Note:
H:
Company Code.
H2:
Product Type.
HH2


Similar Part No. - MMSZ5261B

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMSZ5261B DIOTEC-MMSZ5261B Datasheet
54Kb / 2P
   Surface mount Zener Diodes
logo
Pan Jit International I...
MMSZ5261B PANJIT-MMSZ5261B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5261B DIOTEC-MMSZ5261B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
Weitron Technology
MMSZ5261B WEITRON-MMSZ5261B Datasheet
244Kb / 5P
   Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5261B TSC-MMSZ5261B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5261B

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
MMSZ5269B FOSHAN-MMSZ5269B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C20 FOSHAN-BZT52C20 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C27 FOSHAN-BZT52C27 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B4V7 FOSHAN-BZT52B4V7 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B5V6 FOSHAN-BZT52B5V6 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B6V8 FOSHAN-BZT52B6V8 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B24 FOSHAN-BZT52B24 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B36 FOSHAN-BZT52B36 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com