Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5C6800 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C6800
Description  10-Bit Bus Switch with Precharged Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C6800 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C6800 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C6800 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C6800 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C6800 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C6800 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PS8194E
09/13/04
PI5C6800
10-Bit Bus Switch with
Precharged Outputs
Storage Temperature .....................................................–65°C to +150°C
Supply Voltage Range.........................................................–0.5V to +7V
DC Input Voltage(2).............................................................–0.5V to +7V
Input Clamp Current, IIK (V1<0)..................................................–50mA
DC Output Current........................................................................120mA
Power Dissipation(3) ........................................................................0.5W
Notes:
1.
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2.
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
3.
The maximum package power dissipation is calculated using a junction temperatue of 150°C and a board trace length of 750 mils.
Absolute Maximum Ratings Over Free-Air Temperature Range(1)
(Above which the useful life may be impaired. For user guidelines, not tested.)
Recommended Operating Conditions
Parameters
Description
Min.
Typ.
Units
VCC
Supply Voltage
4
5.5
V
BIASV
Supply Voltage
1.3
VCC
VIH
High-level input voltage
2
VIL
Low-level input voltage
0.8
TA
Operating free-air voltage
-40
85
°C
Electrical Characteristics (Over Recommended Operating Free-air Temperature Range)
Parameters
Test Condidtion
Min.
Typ.(3)
Max.
Units
VIK
VCC = 4.5V, II = -18mA
-1.2
V
II
VCC = 5.5V, VI = 5.5V or GND
±5
µA
IO
VCC = 4.5V, BIASV = 2.4V, VO = 0
-0.20
mA
ICC
VCC = 5.5V, IO = 0, VI = VCC or GND
3
µA
∆ICC(2)
VCC = 3.6V, One input at 2.7V Other at VCC or GND
2.5
mA
CIN
VI = 3V or 0
3.5
pF
COFF
VO = 3V or 0, Switch Off
4.5
RON(1)
VCC = 4V
VI = 2.4V, II = 15mA
14
22
VCC = 4.5V
VI = 0V, II = 64mA
5
7
VI = 0V, II = 30mA
5
7
VI = 2.4V, II = 15mA
10
15
Notes:
1. Measured by the voltage drop between the A and B terminals at the indicated current through the switch. On-State resistance is determined by
the lower of the voltages of the two (A or B) terminals.
2. This is the increase in supply current for control input.
3. All typical values are at VCC = 5V, TA = 25°C.


Similar Part No. - PI5C6800

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800CL PERICOM-PI5C6800CL Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800CLE PERICOM-PI5C6800CLE Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800CQ PERICOM-PI5C6800CQ Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
PI5C6800CQE PERICOM-PI5C6800CQE Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
More results

Similar Description - PI5C6800

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C6800C PERICOM-PI5C6800C Datasheet
370Kb / 5P
   10-Bit Bus Switch with Precharged Outputs
logo
Integrated Device Techn...
IDT74FST6800 IDT-IDT74FST6800 Datasheet
57Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
IDT74FST6800 IDT-IDT74FST6800_15 Datasheet
100Kb / 5P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
IDT74FST6800 RENESAS-IDT74FST6800 Datasheet
273Kb / 6P
   10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
APRIL 2015
logo
Texas Instruments
SN74CBT6800A TI-SN74CBT6800A Datasheet
56Kb / 4P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI1-SN74CBT6800A_16 Datasheet
858Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CB3Q6800 TI1-SN74CB3Q6800_15 Datasheet
853Kb / 17P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
SN74CBT6800A TI-SN74CBT6800A_08 Datasheet
476Kb / 14P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Integrated Device Techn...
IDT74CBTLV6800 IDT-IDT74CBTLV6800 Datasheet
69Kb / 5P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
logo
Renesas Technology Corp
74CBTLV6800 RENESAS-74CBTLV6800 Datasheet
266Kb / 6P
   LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
MAY 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com