Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5223BS Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMSZ5223BS
Description  Zener Diode in a SOD-323 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMSZ5223BS Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMSZ5223BS Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5223BS Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5223BS Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5223BS Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5223BS Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5223BS Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ5223BS Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MMSZ52XXBS
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 7
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Power Dissipation
PD
200
mW
Typical Thermal Resistance Junction
to Ambient
RθJA
625
/W
Typical Thermal Resistance Junction
to Lead
RθJL
150
/W
Junction and Storage Temperature
Range
Tj,Tstg
-55~150
mA
Device
Device
Marking
Zoner Voltage
Zener lmpedance
Leakage Current
Vz(Volts)
@
IzT
ZzT
@ IzT
Zzk@Izk
IR@VR
Min
Nom
Max
mA
mA
uA
Volts
MMSZ5221BS
HC1
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMSZ5222BS
HC2
2.38
2.5
2.63
20
30
1250
0.25
100
1
MMSZ5223BS
HC3
2.57
2.7
2.84
20
30
1300
0.25
75
1
MMSZ5224BS
HC4
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMSZ5225BS
HC5
2.85
3.0
3.15
20
29
1600
0.25
50
1
MMSZ5226BS
HD1
3.13
3.3
3.47
20
28
1600
0.25
25
1
MMSZ5227BS
HD2
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMSZ5228BS
HD3
3.71
3.9
4.10
20
23
1900
0.25
10
1
MMSZ5229BS
HD4
4.09
4.3
4.52
20
22
2000
0.25
5
1
MMSZ5230BS
HD5
4.47
4.7
4.94
20
19
1900
0.25
5
2
MMSZ5231BS
HE1
4.85
5.1
5.36
20
17
1600
0.25
5
2
MMSZ5232BS
HE2
5.32
5.6
5.88
20
11
1600
0.25
5
3
MMSZ5233BS
HE3
5.70
6.0
6.30
20
7
1600
0.25
5
3.5
MMSZ5234BS
HE4
5.89
6.2
6.51
20
7
1000
0.25
5
4
MMSZ5235BS
HE5
6.46
6.8
7.14
20
5
750
0.25
3
5
MMSZ5236BS
HF1
7.13
7.5
7.88
20
6
500
0.25
3
6
MMSZ5237BS
HF2
7.79
8.2
8.61
20
8
500
0.25
3
6.5
MMSZ5238BS
HF3
8.27
8.7
9.14
20
8
600
0.25
3
6.5
MMSZ5239BS
HF4
8.65
9.1
9.56
20
10
600
0.25
3
7
MMSZ5240BS
HF5
9.50
10
10.50
20
17
600
0.25
3
8
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - MMSZ5223BS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5223BS PANJIT-MMSZ5223BS Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Yea Shin Technology Co....
MMSZ5223BS YEASHIN-MMSZ5223BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Diodes Incorporated
MMSZ5223BS DIODES-MMSZ5223BS Datasheet
61Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 5 - 2
logo
Shenzhen Luguang Electr...
MMSZ5223BS LUGUANG-MMSZ5223BS Datasheet
188Kb / 3P
   Surface mount zener diode
logo
Diodes Incorporated
MMSZ5223BS DIODES-MMSZ5223BS Datasheet
456Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS31038 Rev. 10 - 2
More results

Similar Description - MMSZ5223BS

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C15S FOSHAN-BZT52C15S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B3V6S FOSHAN-BZT52B3V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B5V6S FOSHAN-BZT52B5V6S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B6V2S FOSHAN-BZT52B6V2S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52B33S FOSHAN-BZT52B33S Datasheet
618Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C12S FOSHAN-BZT52C12S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C16S FOSHAN-BZT52C16S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C11S FOSHAN-BZT52C11S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
BZT52C36S FOSHAN-BZT52C36S Datasheet
627Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
MMSZ5256BS FOSHAN-MMSZ5256BS Datasheet
503Kb / 7P
   Zener Diode in a SOD-323 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com