Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1211480 Datasheet(PDF) 2 Page - SICK AG

Part # 1211480
Description  SAFETY LIGHT CURTAINS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1211480 Datasheet(HTML) 2 Page - SICK AG

  1211480 Datasheet HTML 1Page - SICK AG 1211480 Datasheet HTML 2Page - SICK AG 1211480 Datasheet HTML 3Page - SICK AG 1211480 Datasheet HTML 4Page - SICK AG 1211480 Datasheet HTML 5Page - SICK AG 1211480 Datasheet HTML 6Page - SICK AG 1211480 Datasheet HTML 7Page - SICK AG 1211480 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
C4C-SA13510A10000, C4C-EA13510A10000 | deTec4 Core
SAFETY LIGHT CURTAINS
Ordering information
System part
Type
Part no.
Sender
C4C-SA13510A10000
1211480
Receiver
C4C-EA13510A10000
1211481
Other models and accessories
www.sick.com/deTec4_Core
Detailed technical data
Features
System part
Sender/receiver pair with QuickFix bracket
Resolution
14 mm
Protective field height
1,350 mm
Scanning range
Minimum 0 m ... 7 m
Typical 0 m ... 8 m
Response time
17 ms
Synchronization
Optical synchronisation
Safety-related parameters
Type
Type 4 (IEC 61496)
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
3,7 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
Interfaces
System connection
Connection type Male connector M12, 5-pin
Permitted cable length ≤ 50 m
Fieldbus, industrial network
1) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-21 16:38:06
Subject to change without notice


Similar Part No. - 1211480

ManufacturerPart #DatasheetDescription
logo
SICK AG
1211482 SICK-1211482 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
1211483 SICK-1211483 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
1211484 SICK-1211484 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
1211485 SICK-1211485 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
1211486 SICK-1211486 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
More results

Similar Description - 1211480

ManufacturerPart #DatasheetDescription
logo
SICK AG
C4P-SA15010A001100 SICK-C4P-SA15010A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001000 SICK-C4P-SA04510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA04510A001100 SICK-C4P-SA04510A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
1062915 SICK-1062915 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA06030A10000 SICK-C4C-SA06030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4C-SA12030A10000 SICK-C4C-SA12030A10000 Datasheet
1Mb / 8P
   SAFETY LIGHT CURTAINS
C4P-SA06010A001000 SICK-C4P-SA06010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA07510A001000 SICK-C4P-SA07510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09010A001000 SICK-C4P-SA09010A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA09030A001100 SICK-C4P-SA09030A001100 Datasheet
296Kb / 10P
   SAFETY LIGHT CURTAINS
C4P-SA16510A001000 SICK-C4P-SA16510A001000 Datasheet
295Kb / 10P
   SAFETY LIGHT CURTAINS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com