Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T496D227K006CT651A Datasheet(PDF) 7 Page - Kemet Corporation

Part # T496D227K006CT651A
Description  Tantalum Surface Mount Capacitors
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T496D227K006CT651A Datasheet(HTML) 7 Page - Kemet Corporation

Back Button T496D227K006CT651A Datasheet HTML 3Page - Kemet Corporation T496D227K006CT651A Datasheet HTML 4Page - Kemet Corporation T496D227K006CT651A Datasheet HTML 5Page - Kemet Corporation T496D227K006CT651A Datasheet HTML 6Page - Kemet Corporation T496D227K006CT651A Datasheet HTML 7Page - Kemet Corporation T496D227K006CT651A Datasheet HTML 8Page - Kemet Corporation T496D227K006CT651A Datasheet HTML 9Page - Kemet Corporation T496D227K006CT651A Datasheet HTML 10Page - Kemet Corporation T496D227K006CT651A Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
TC111_SPACE • 4/14/2014
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
T2025_T493_SPACE • 4/14/2014
33
Tantalum Surface Mount Capacitors
High Reliability COTS (CWR11 Style) – T493 Series COTS Space Grade
Qualification
Test
Condition
Characteristics
Endurance
85°C @ rated voltage, 2,000 hours
125°C @ 2/3 rated voltage, 2,000 hours
Δ C/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Storage Life
125°C @ 0 volts, 2,000 hours
Δ C/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Thermal Shock
MIL–STD–202, Method 107, Condition B, mounted, -55C° to
125°C, 1,000 cycles
Δ C/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Temperature Stability
Extreme temperature exposure at a
succession of continuous steps at +25ºC,
-55ºC, +25ºC, +85ºC, +125ºC, +25ºC
+25°C
-55°C
+85°C
+125°C
Δ C/C
IL*
±10%
±10%
±20%
DF
IL
IL
1.5 x IL
1.5 x IL
DCL
IL
n/a
10 x IL
12 x IL
Surge Voltage
25°C and 85°C, 1.32 x rated voltage 1,000 cycles.
(125°C, 1.2 x rated voltage)
Δ C/C
Within ±5% of initial value
DF
Within initial limits
DCL
Within initial limits
ESR
Within initial limits
Mechanical Shock/Vibration
MIL–STD–202, Method 213, Condition I, 100 G peak.
MIL–STD–202, Method 204, Condition D, 10 Hz to 2,000 Hz,
20 G peak
Δ C/C
Within ±10% of initial value
DF
Within initial limits
DCL
Within initial limits
*IL = Initial Limit
Certification
MIL-PRF-55365/8
DSCC Drawing 07016


Similar Part No. - T496D227K006CT651A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T496D227K006AHE500 KEMET-T496D227K006AHE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496D227K006AHE5007280 KEMET-T496D227K006AHE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496D227K006ATE500 KEMET-T496D227K006ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
T496D227K006ATE5007280 KEMET-T496D227K006ATE5007280 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results

Similar Description - T496D227K006CT651A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB226M010R AVX-TAJB226M010R Datasheet
902Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJB335M016R AVX-TAJB335M016R Datasheet
31Kb / 1P
   Surface Mount Tantalum Capacitors
logo
Kemet Corporation
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
AVX Corporation
TAJA105K025RNJ AVX-TAJA105K025RNJ Datasheet
895Kb / 51P
   Surface Mount Tantalum Capacitors
logo
Vishay Siliconix
293D107X9010D2WE3 VISHAY-293D107X9010D2WE3 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
438417 VISHAY-438417 Datasheet
115Kb / 9P
   Solid Tantalum Surface Mount Capacitors
Revision: 02-Jun-09
logo
Kemet Corporation
T496X227M010ATE500 KEMET-T496X227M010ATE500 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??Fused
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com