Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ4685 Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MMSZ4685
Description  Zener Diode in a SOD-123 Plastic Package.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MMSZ4685 Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MMSZ4685 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4685 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4685 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4685 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4685 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4685 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. MMSZ4685 Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMSZ4XXX
Rev.F Mar.-2016
DATA SHEET
http://www.fsbrec.com
3 / 7
电性能参数 / Electrical Characteristics(Ta=25℃)
Device
Device
Marking
Zoner Voltage
Leakage Current
Vz(Volts)
IzT
IR@VR
Min
Nom
Max
uA
uA
Volts
MMSZ4698
HDF
10.45
11
11.55
50
0.05
8.4
MMSZ4699
HDH
11.40
12
12.60
50
0.05
9.1
MMSZ4700
HDJ
12.35
13
13.65
50
0.05
9.8
MMSZ4701
HDK
13.30
14
14.70
50
0.05
10.6
MMSZ4702
HDM
14.25
15
15.75
50
0.05
11.4
MMSZ4703
HDN
15.20
16
16.80
50
0.05
12.1
MMSZ4704
HDP
16.15
17
17.85
50
0.05
12.9
MMSZ4705
HDT
17.10
18
18.90
50
0.05
13.6
MMSZ4706
HDU
18.05
19
19.95
50
0.05
14.4
MMSZ4707
HDV
19.00
20
21.00
50
0.01
15.2
MMSZ4708
HDA
20.90
22
23.10
50
0.01
16.7
MMSZ4709
HDX
22.80
24
25.20
50
0.01
18.2
MMSZ4710
HDY
23.75
25
26.25
50
0.01
19.0
MMSZ4711
HEA
25.65
27
28.35
50
0.01
20.4
MMSZ4712
HEC
26.60
28
29.40
50
0.01
21.2
MMSZ4713
HED
28.50
30
31.50
50
0.01
22.8
MMSZ4714
HEE
31.35
33
34.65
50
0.01
25.0
MMSZ4715
HEF
34.20
36
37.80
50
0.01
27.3
MMSZ4716
HEH
37.05
39
40.95
50
0.01
29.6
MMSZ4717
HEJ
40.87
43
45.15
50
0.01
32.6


Similar Part No. - MMSZ4685

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MMSZ4685 GE-MMSZ4685 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Bruckewell Technology L...
MMSZ4685 BWTECH-MMSZ4685 Datasheet
564Kb / 5P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
MMSZ4685 EIC-MMSZ4685 Datasheet
118Kb / 4P
   ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4685 MCC-MMSZ4685 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
logo
TAITRON Components Inco...
MMSZ4685 TAITRON-MMSZ4685 Datasheet
156Kb / 6P
   500mW Two Terminals SMD Zener Diodes
More results

Similar Description - MMSZ4685

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
MMSZ5269B FOSHAN-MMSZ5269B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C20 FOSHAN-BZT52C20 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C27 FOSHAN-BZT52C27 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B4V7 FOSHAN-BZT52B4V7 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B5V6 FOSHAN-BZT52B5V6 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B6V8 FOSHAN-BZT52B6V8 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B24 FOSHAN-BZT52B24 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52B36 FOSHAN-BZT52B36 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com