Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3DBV40A Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3DBV40A
Description  3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV40A Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3DBV40A Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBV40A Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
PS8709B
07/22/04
Features
• RON is 4Ω typical
• Low bit-to-bit skew: 200ps
• Low crosstalk: –27dB @ 250MHz
• Low Current Consumption: 20µA
• Near-Zero propagation delay: 250ps
• Switching speed: 9ns
• Channel On-Capacitance: 9.5pF (typical)
• VCC Operating Range: +3.0V to +3.6V
• ESD>2000V . . . Human Body Model
• >500 MHz bandwidth (or data frequency)
• Packaging (Pb-free & Green available):
48-pin, 240-mil wide plastic TSSOP (A)
Applications
• Routes physical layer signals for high bandwidth
digital video
Description
Pericom Semiconductor’s PI3DBV series of logic circuits are
produced using the Company’s advanced sub-micron CMOS
technology, achieving industry leading performance.
The PI3DBV40 is a 8- to 4-channel multiplexer/demultiplexer.
Industry leading advantages include a propagation delay of less
than 250ps, resulting from its low channel resistance and I/O
capacitance. The device multiplexes differential outputs from a
video source to one of two corresponding outputs or switches two
inputs to a common display. The switch is bidirectional and offers
little or no attenuation of the high-speed signals at the outputs. It
is designed for low bit-to-bit skew, high channel-to-channel noise
isolation and is compatible with various standards, such as LVDS
and TMDS.
Block Diagram
Pin Description
PI3DBV40
3.3V, Wide Bandwidth, 4-Channel,
2:1 Mux/DeMux Video Switch with Single Enable
0I1
1I1
GND
0I2
1I2
GND
2I1
3I1
GND
2I2
3I2
GND
VDD
4I1
5I1
GND
4I2
5I2
GND
6I1
7I1
GND
6I2
7I2
VDD
Y0
GND
Y1
GND
VDD
GND
Y2
GND
Y3
GND
VDD
GND
NC
Y4
GND
Y5
GND
VDD
GND
Y6
GND
Y7
SEL
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
SEL
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
1I1
0I1
1I2
0I2
3I1
2I1
3I2
2I2
5I1
4I1
5I2
4I2
7I1
6I1
7I2
6I2


Similar Part No. - PI3DBV40A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3DBV10ZEE PERICOM-PI3DBV10ZEE Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV20L PERICOM-PI3DBV20L Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV20LE PERICOM-PI3DBV20LE Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
More results

Similar Description - PI3DBV40A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3DBV20 PERICOM-PI3DBV20 Datasheet
305Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux Video Switch w/ Single Enable
PI3DBV10 PERICOM-PI3DBV10 Datasheet
335Kb / 6P
   3.3V, Wide Bandwidth, 1-Channel, 2:1 Mux/ DeMux Video Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB20 PERICOM-PI3USB20 Datasheet
343Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ SiNGLE ENABLE
PI3USB20LEX PERICOM-PI3USB20LEX Datasheet
380Kb / 6P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB40 PERICOM-PI3USB40 Datasheet
336Kb / 6P
   3.3V, Wide Bandwidth, 9-Channel, 2:1 Mux/DeMux USB 2.0 Switch with Single Enable
logo
Potato Semiconductor Co...
PO3B40A POTATO-PO3B40A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3USB10 PERICOM-PI3USB10 Datasheet
349Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
PI3USB10ZEEX PERICOM-PI3USB10ZEEX Datasheet
489Kb / 6P
   3.3V, Wide Bandwidth, 2-Channel, 2:1 Mux/DeMux USB 2.0 Switch w/ Single Enable
logo
Potato Semiconductor Co...
PO3B40A POTATO-PO3B40A Datasheet
569Kb / 6P
   Wide Bandwidth, 8-Channel, 2:1 Mux/DeMux with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com