Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35PFV68M6.3X8 Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # 35PFV68M6.3X8
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

35PFV68M6.3X8 Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  35PFV68M6.3X8 Datasheet HTML 1Page - RUBYCON CORPORATION 35PFV68M6.3X8 Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
56
100
220
330
47
68
150
270
22
33
68
100
10
22
33
56
35
25
50
63
6.3×6.1
6.3×8
8×10.5
10×10.5
6.3×6.1
6.3×8
8×10.5
10×10.5
6.3×6.1
6.3×8
8×10.5
10×10.5
6.3×6.1
6.3×8
8×10.5
10×10.5
0.14
0.14
0.14
0.14
0.12
0.12
0.12
0.12
0.10
0.10
0.10
0.10
0.08
0.08
0.08
0.08
14.0
25.0
55.0
82.5
16.4
23.8
52.5
94.5
11.0
16.5
34.0
50.0
6.3
13.8
20.8
35.3
50
30
27
20
60
35
27
20
80
40
30
28
120
80
40
30
75
45
41
30
90
53
41
30
120
60
45
42
180
120
60
45
900
1400
1600
2000
900
1400
1600
2000
750
1100
1250
1600
700
900
1100
1400
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
PFV
Rated Voltage
(Vdc)
Capacitance
(μF)
Size
φD×L (mm)
(tanδ)
(120Hz,20℃)
Leakage Current
(μA/2min)
Rated Ripple Current
(mA r.m.s./125℃, 100kHz)
◆DIMENSIONS
(mm)
Vibration proof package is also available for φ8 and φ10. For details, please refer to chip aluminum electrolytic capacitors section.
φD
6.3
L
6.1
A1
6.6
B1
6.6
C
2.7
W1
0.5∼0.8
P
1.8
6.3
8
8
10.5
6.6
8.3
6.6
8.3
2.7
2.9
0.5∼0.8
0.8∼1.1
1.8
3.1
10 10.5 10.3 10.3 3.2 0.8∼1.1 4.5
E.S.R.(mΩ,max)
20℃, 100kHz −40℃, 10kHz
L MAX
0.3MAX
A1
±0.2
W1
0.5MAX


Similar Part No. - 35PFV68M6.3X8

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35PFV150M8X10.5 RUBYCON-35PFV150M8X10.5 Datasheet
180Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PFV270M10X10.5 RUBYCON-35PFV270M10X10.5 Datasheet
180Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PFV47M6.3X6.1 RUBYCON-35PFV47M6.3X6.1 Datasheet
180Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
More results

Similar Description - 35PFV68M6.3X8

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
35PFV47M6.3X6.1 RUBYCON-35PFV47M6.3X6.1 Datasheet
180Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
50PEV68M8X10.5 RUBYCON-50PEV68M8X10.5 Datasheet
182Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
50PFV22M6.3X6.1 RUBYCON-50PFV22M6.3X6.1 Datasheet
180Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PEV47M6.3X6.1 RUBYCON-35PEV47M6.3X6.1 Datasheet
182Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PEV270M10X10.5 RUBYCON-35PEV270M10X10.5 Datasheet
182Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
63PEV56M10X10.5 RUBYCON-63PEV56M10X10.5 Datasheet
182Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PEV68M6.3X8 RUBYCON-35PEV68M6.3X8 Datasheet
182Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
25PZE220M8X9 RUBYCON-25PZE220M8X9 Datasheet
177Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
35PZF270M10X9 RUBYCON-35PZF270M10X9 Datasheet
179Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
PZE RUBYCON-PZE_15 Datasheet
179Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
25PEV56M6.3X6.1 RUBYCON-25PEV56M6.3X6.1 Datasheet
182Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS (HYBRID TYPE)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com