Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE01-2A22-14SCX-D0 Datasheet(PDF) 7 Page - DDK Ltd.

Part # CE01-2A22-14SCX-D0
Description  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE01-2A22-14SCX-D0 Datasheet(HTML) 7 Page - DDK Ltd.

Back Button CE01-2A22-14SCX-D0 Datasheet HTML 2Page - DDK Ltd. CE01-2A22-14SCX-D0 Datasheet HTML 3Page - DDK Ltd. CE01-2A22-14SCX-D0 Datasheet HTML 4Page - DDK Ltd. CE01-2A22-14SCX-D0 Datasheet HTML 5Page - DDK Ltd. CE01-2A22-14SCX-D0 Datasheet HTML 6Page - DDK Ltd. CE01-2A22-14SCX-D0 Datasheet HTML 7Page - DDK Ltd. CE01-2A22-14SCX-D0 Datasheet HTML 8Page - DDK Ltd. CE01-2A22-14SCX-D0 Datasheet HTML 9Page - DDK Ltd. CE01-2A22-14SCX-D0 Datasheet HTML 10Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE01 Series
7
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○ Waterproof Cable Clamp
CE3057- □□ A- □ - D
① Clamp Size
10, 12 and 16
② Bushing Size Rubber Bushing (Refer to the applicable
cable size.)
③ Finish
D : Black Trivalent Chromium Treatment
* CE3057- □□ A- □ -D is a waterproof cable clamp for use with D/MS(D190), CE01 and CE02 plugs.
The main body is the same as D/MS3057A- □□ . The cable clamp has a waterproof rubber bushing.
Make sure to use a cabtyre cable meeting one of the applicable cable size ranges as shown in the chart.
The cable clamp should be used together with the waterproof backshell.
Part Number
Applicable
Shell Size
A
B
C
(D)
E
F
G
V
Bushing P/N
Applicable Cable
CE3057-10A-1-D
18
23.83 30.1 10.31 (41.3) 15.8
14.1
31.7
1-20UNEF-2B
CE3420-10-1
φ 10.5 ~φ 14.1
CE3057-10A-2-D
11.0
CE3420-10-2
φ 8.5 ~φ 11
CE3057-10A-3-D
8.7
CE3420-10-3
φ 6.5 ~φ 8.7
CE3057-12A-1-D
20
22
23.83 35.0 10.31 (41.3) 19.0
16.0
37.3 1 3/16-18UNEF-2B
CE3420-12-1
φ 12.5 ~φ 16
CE3057-12A-2-D
13.0
CE3420-12-2
φ 9.5 ~φ 13
CE3057-12A-3-D
10.0
CE3420-12-3
φ 6.8 ~φ 10
CE3057-12A-7-D
17.0
CE3420-12-7
φ 14.5 ~φ 17
CE3057-16A-1-D
24
28
26.19 42.1 10.31 (41.3) 23.8
19.1
42.9 1 7/16-18UNEF-2B
CE3420-16-1
φ 15 ~φ 19.1
CE3057-16A-2-D
15.5
CE3420-16-2
φ 13 ~φ 15.5
CE3057-16A-4-D
21.5
CZY005-GB-3 φ 19.1 ~φ 21.5
CE3057-16A-6-D
20.0
CE3420-16-6
φ 18.5 ~φ 20
CE3057-16A-7-D
13.5
CE3420-16-7
φ 11.5 ~φ 13.5
CE3057-16A-8-D
12.5
CZY005-GB-6 φ 10.5 ~φ 12.5
Material
Finish
Cable Clamp Body and Metal Fastener Aluminum Alloy Black Trivalent Chromium Treatment
Bushing
Synthetic Rubber
Black
(D)
C
1.5
∅E
V Thread
品名
図番
改版
試作
常備
第3角法
5
CE3057-××A-×-D
K-511703
(防水ケ-ブルクランプ)
(Outer Dimension of Bushing)
D/MS3057- □□ A
Part Number
Applicable
Shell Size
A
B
C
D
E
G
V
Bushing P/N
D/MS3057-10A
18
23.83
30.1
10.3
15.9
14.3
31.7
1-20UNEF
AN3420-10
D/MS3057-12A
20, 22
23.83
35.0
10.3
19.0
15.9
37.3
1 3/16-18UNEF
AN3420-12
D/MS3057-16A
24, 28
26.19
42.1
10.3
23.8
19.1
42.9
1 7/16-18UNEF
AN3420-16
Clamp Size
10, 12 and 16
A
C
∅D
V Thread
E
第一電子工業株式会社
検図
製写
寸法
角度
一般
公差
図番
K-511941
mm
石井
石井
′05.10.26
′05.10.26
(Inner Dimension
of Bushing)
(Inner Dimension
of Cable Clamp)
Material
Finish
Cable Clamp Body and Metal Fastener Aluminum Alloy Black Trivalent Chromium Treatment
Bushing
Synthetic Rubber
Black
○ Cable Clamp
MATERIAL / FINISH
D/MS3057- □□ A is an accessory which is used together with a backshell to fasten the cable.
The cable is fixed in the center of the cable clamp for sure since the cable is fixed from both directions
with two pieces of the metal clamps and the screws. The jacketed cable can be used with this cable clamp
as well because a rubber bushing shown on the table above is inserted.
MATERIAL / FINISH


Similar Part No. - CE01-2A22-14SCX-D0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01-2A22-14SCX-D0S DDK-CE01-2A22-14SCX-D0S Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
More results

Similar Description - CE01-2A22-14SCX-D0

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CE01 DDK-CE01 Datasheet
361Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE01-1A22-22PCW-D0 DDK-CE01-1A22-22PCW-D0 Datasheet
898Kb / 10P
   Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
CE02-6A10SLSW-D DDK-CE02-6A10SLSW-D Datasheet
752Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A10SL-3CS-D DDK-CE02-6A10SL-3CS-D Datasheet
751Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
CE02-6A DDK-CE02-6A Datasheet
209Kb / 4P
   Waterproof Circular Connectors Conforming to JIS-B-6015 and MIL-DTL-5015
logo
C&K Components
MDMA CK-COMPONENTS-MDMA Datasheet
3Mb / 8P
   Microminiature connectors with removable crimp contacts
MDMB CK-COMPONENTS-MDMB Datasheet
1Mb / 8P
   Microminiature connectors with removable crimp contacts
logo
Japan Aviation Electron...
CONT-JL05-08S-C1-10 JAE-CONT-JL05-08S-C1-10 Datasheet
40Kb / 3P
   JL05 Series, Conformed to JIS B 9960-1, Waterproof, Panel-to-Cable, Contacts, Socket
logo
Glenair, Inc.
240-383Q GLENAIR-240-383Q Datasheet
118Kb / 2P
   Plug with Crimp Removable Contacts
242-383S GLENAIR-242-383S Datasheet
220Kb / 2P
   Jam Nut Receptacle with Crimp Contacts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com