Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH3868BFS Datasheet(PDF) 10 Page - Rohm

Part # BH3868BFS
Description  Audio sound processor with BBE
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3868BFS Datasheet(HTML) 10 Page - Rohm

Back Button BH3868BFS Datasheet HTML 6Page - Rohm BH3868BFS Datasheet HTML 7Page - Rohm BH3868BFS Datasheet HTML 8Page - Rohm BH3868BFS Datasheet HTML 9Page - Rohm BH3868BFS Datasheet HTML 10Page - Rohm BH3868BFS Datasheet HTML 11Page - Rohm BH3868BFS Datasheet HTML 12Page - Rohm BH3868BFS Datasheet HTML 13Page - Rohm BH3868BFS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
BH3868BFS
Audio ICs
10/27
!
!
!
!
Control signal specification
(1) Electrical specifications and timing for bus lines and I/O stages
SDA
SCL
P
tBUF
tHD : STA
tHD : DAT
tLOW
tHIGH
tSU : DAT
tHD : STA
tSP
tSU : STA
Sr
tSU : STO
P
tR
tF
S
Fig.1 Definition of timing on the I2C BUS
Table B Characteristics of the SDA and SCL bus lines for I
2C BUS devices
Rise time of both SDA and SCL signals
Parameter
Symbol
Unit
Max.
Min.
fSCL
tHD ; STA
tBUF
0
kHz
SCL clock fequency
Fall time of both SDA and SCL signals
Set-up time for STOP condition
∗ A device must internally provide a hold time of at least 300ns for the SDA signal (referred to the VIH min. of the SCL signal)
in order to bridge the undefined region of the falling edge of SCL.
Bus free time between a STOP and START condition
Hold time (repeated) START condition. After this period,
the first clock pulse is generated
LOW period of the SCL clock
HIGH period of the SCL clock
Set-up time for a repeated START condition
Data hold time
Data set-up time
tLOW
tHIGH
tSU ; STA
tHD ; DAT
tSU ; DAT
tR
tF
tSU ; STO
4.0
250
0∗
4.7
4.7
4.7
4.0
4.0
100
1000
300
µs
µs
µs
µs
µs
µs
ns
µs
Capacitive load for each bus line
Cb
400
pF
ns
ns
All values referred to VIH min. and VIL max. Levels (see Table C).


Similar Part No. - BH3868BFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH3862FS ETC-BH3862FS Datasheet
237Kb / 2P
   3 wire serial sound control IC
logo
Rohm
BH3864F ROHM-BH3864F Datasheet
45Kb / 4P
   Audio sound controller
BH3866AS ROHM-BH3866AS Datasheet
321Kb / 25P
   Dual-line serial control sound processor IC
More results

Similar Description - BH3868BFS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1164 NJRC-NJW1164 Datasheet
568Kb / 27P
   AUDIO PROCESSOR with BBE
NJW1146 NJRC-NJW1146 Datasheet
243Kb / 21P
   Audio Processor with BBE
NJW1147 NJRC-NJW1147 Datasheet
163Kb / 20P
   AUDIO PROCESSOR with BBE ViVA
NJW1169 NJRC-NJW1169 Datasheet
314Kb / 28P
   AUDIO PROCESSOR with BBE Sound Enhancement & Passive Matrix TruSurround Virtualizer & TruBass
NJM2155 NJRC-NJM2155 Datasheet
69Kb / 7P
   BBE Mach3Bass Audio Processor
logo
Rohm
BD3860K ROHM-BD3860K Datasheet
295Kb / 27P
   Built-in BBE Audio sound controller
logo
New Japan Radio
NJW1137 NJRC-NJW1137 Datasheet
385Kb / 24P
   AUDIO PROCESSOR with SOUND ENHANCEMENT
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
logo
Rohm
BD3815KS ROHM-BD3815KS Datasheet
185Kb / 6P
   6.1ch Audio Sound Processor
logo
New Japan Radio
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com