Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDW84B Datasheet(PDF) 1 Page - Seme LAB

Part # BDW84B
Description  Bipolar PNP Device in a Hermetically sealed TO3 Metal Package.
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDW84B Datasheet(HTML) 1 Page - Seme LAB

  BDW84B Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BDW84B
Bipolar PNP Device.
V
CEO =
80V
I
C = 15A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
15
A
h
FE
@ 3/6 (V
CE / IC)
750
20000
-
f
t
1M
Hz
P
D
150
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar PNP Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - BDW84B

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW84B POINN-BDW84B Datasheet
155Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW84B BOURNS-BDW84B Datasheet
121Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BDW84B SAVANTIC-BDW84B Datasheet
148Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BDW84B ISC-BDW84B Datasheet
136Kb / 3P
   Silicon PNP Power Transistors
logo
Comset Semiconductor
BDW84B COMSET-BDW84B Datasheet
122Kb / 3P
   PNP SILICON DARLINGTONS POWER TRANSISTORS
More results

Similar Description - BDW84B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6228 SEME-LAB-2N6228 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX92 SEME-LAB-SF_BDX92 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX96 SEME-LAB-SF_BDX96 Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
BUW23 SEME-LAB-BUW23 Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package.
2N3174 SEME-LAB-2N3174 Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BUW22A SEME-LAB-SF_BUW22A Datasheet
10Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_2N5871 SEME-LAB-SF_2N5871 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDW52A SEME-LAB-SF_BDW52A Datasheet
12Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
SF_BDX88 SEME-LAB-SF_BDX88 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
2N5623 SEME-LAB-2N5623 Datasheet
11Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
BDX94 SEME-LAB-BDX94 Datasheet
14Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com