Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1118D25 Datasheet(PDF) 2 Page - Anachip Corp

Part # AP1118D25
Description  1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1118D25 Datasheet(HTML) 2 Page - Anachip Corp

  AP1118D25 Datasheet HTML 1Page - Anachip Corp AP1118D25 Datasheet HTML 2Page - Anachip Corp AP1118D25 Datasheet HTML 3Page - Anachip Corp AP1118D25 Datasheet HTML 4Page - Anachip Corp AP1118D25 Datasheet HTML 5Page - Anachip Corp AP1118D25 Datasheet HTML 6Page - Anachip Corp AP1118D25 Datasheet HTML 7Page - Anachip Corp AP1118D25 Datasheet HTML 8Page - Anachip Corp AP1118D25 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP1118
1A Positive Low Dropout Fixed-Mode Regulator With EN Function
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Feb. 15, 2005
2/10
Connection Diagram
SOP-8L
Vout
GND
( Top View )
2
1
3
EN
Vin
4
5
Vout
7
Vout
Vout
6
8
Vout
5 PIN TO252/TO263
5
3
1
Vin
Vout
GND
Tab is Vout
( Top View )
2
4
EN
NC
5 PIN TO220
Tab is Vout
Vin
Vout
GND
5
3
1
2
4EN
NC
Pin Descriptions
NAME
FUNCTION
GND
Ground.
Vout
The output of the regulator. A minimum of 10uF capacitor must be connected from this pin
to ground to insure stability.
Vin
The input pin of regulator. Typically a large storage capacitor is connected from this pin to
ground to insure that the input voltage does not sag below the minimum dropout voltage
during the load transient response. This pin must always be 1.3V higher than Vout in order
for the device to regulate properly.
EN
The input pin of regulator. TTL/CMOS compatible input Logic high = disable output, Logic
Low or open = output enable. (internal pull-down resistor~100 K).
NC
No connection.


Similar Part No. - AP1118D25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1115 ANACHIP-AP1115 Datasheet
165Kb / 7P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115 DIODES-AP1115 Datasheet
120Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE
AP1115 Rev. 7
AP1115 DIODES-AP1115 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115-1.5 DIODES-AP1115-1.5 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1118D25

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5U1118 SECOS-S5U1118 Datasheet
490Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
GTM CORPORATION
G5U1118 GTM-G5U1118 Datasheet
218Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 GTM-GSC1118 Datasheet
236Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5U1118 ETL-G5U1118 Datasheet
222Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
GTM CORPORATION
G5E1118 GTM-G5E1118 Datasheet
233Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
E-Tech Electronics LTD
G5E1118 ETL-G5E1118 Datasheet
238Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
GSC1118 ETL-GSC1118 Datasheet
241Kb / 3P
   1A Positive Low Dropout Fixed-mode Regulator With EN Function
logo
GTM CORPORATION
G5M1119 GTM-G5M1119 Datasheet
249Kb / 4P
   0.5A Positive Low Dropout Fixed-Mode Regulator with EN Function
logo
Anachip Corp
AP1119 ANACHIP-AP1119 Datasheet
130Kb / 5P
   0.5A Positive Low Dropout Fixed-Mode Regulator With EN Function
logo
SeCoS Halbleitertechnol...
S5J1118 SECOS-S5J1118 Datasheet
501Kb / 3P
   1A Positive Low Dropout Fixed-Mode Regulato r With EN Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com