Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6UA25616-TI Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS6UA25616-TI
Description  2.3V to 3.6V 256K횞16 Intelliwatt??low-power CMOS SRAM with one chip enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS6UA25616-TI Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS6UA25616-TI Datasheet HTML 1Page - List of Unclassifed Manufacturers AS6UA25616-TI Datasheet HTML 2Page - List of Unclassifed Manufacturers AS6UA25616-TI Datasheet HTML 3Page - List of Unclassifed Manufacturers AS6UA25616-TI Datasheet HTML 4Page - List of Unclassifed Manufacturers AS6UA25616-TI Datasheet HTML 5Page - List of Unclassifed Manufacturers AS6UA25616-TI Datasheet HTML 6Page - List of Unclassifed Manufacturers AS6UA25616-TI Datasheet HTML 7Page - List of Unclassifed Manufacturers AS6UA25616-TI Datasheet HTML 8Page - List of Unclassifed Manufacturers AS6UA25616-TI Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
®
2
ALLIANCE SEMICONDUCTOR
10/6/00
AS6UA25616
Functional description
The AS6UA25616 is a low-power CMOS 4,194,304-bit Static Random Access Memory (SRAM) device organized as 262,144 words x 16
bits. It is designed for memory applications where slow data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 55/70 ns are ideal for low-power applications. Active high and low chip enables
(CS) permit easy memory expansion with multiple-bank memory systems.
When CS is high, or UB and LB are high, the device enters standby mode: the AS6UA25616 is guaranteed not to exceed 72
µW power
consumption at 3.6V and 55 ns; 41
µW at 2.7V and 70 ns. The device also returns data when V
CC is reduced to 1.5V for even lower power
consumption.
A write cycle is accomplished by asserting write enable (WE) and chip enable (CS) low, and UB and/or LB low. Data on the input pins
I/O1–O16 is written on the rising edge of WE (write cycle 1) or CS (write cycle 2).To avoid bus contention, external devices should drive
I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE), chip enable (CS), UB and LB low, with write enable (WE) high. The chip
drives I/O pins with the data word referenced by the input address. When either chip enable or output enable is inactive, or write enable is
active, or (UB) and (LB), output drivers stay in high-impedance mode.
These devices provide multiple center power and ground pins, and separate byte enable controls, allowing individual bytes to bewritten
and read. LB controls the lower bits, I/O1–I/O8, and UB controls the higher bits, I/O9–I/O16.
All chip inputs and outputs are CMOS-compatible, and operation is from a single 2.3V to 3.6V supply. Device is available in the JEDEC
standard 400-mm, TSOP II, and 48-ball FBGA packages.
Absolute maximum ratings
Note: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Truth table
Key: X = Don’t care, L = Low, H = High.
Parameter
Device
Symbol
Min
Max
Unit
Voltage on VCC relative to VSS
VtIN
–0.5
VCC + 0.5
V
Voltage on any I/O pin relative to GND
VtI/O
–0.5
V
Power dissipation
PD
–1.0
W
Storage temperature (plastic)
Tstg
–65
+150
oC
Temperature with VCC applied
Tbias
–55
+125
oC
DC output current (low)
IOUT
–20
mA
CS
WE
OE
LB
UB
Supply
Current
I/O1–I/O8
I/O9–I/O16
Mode
HX
XX
X
ISB
High Z
High Z
Standby (ISB)
LX
X
H
H
LH
H
X
X
ICC
High Z
High Z
Output disable (ICC)
LH
L
LH
ICC
DOUT
High Z
Read (ICC)
H
L
High Z
DOUT
LL
DOUT
DOUT
LL
X
LH
ICC
DIN
High Z
Write (ICC)
H
L
High Z
DIN
LL
DIN
DIN


Similar Part No. - AS6UA25616-TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-BC ALSC-AS6UA51216-BC Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-BI ALSC-AS6UA51216-BI Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-TC ALSC-AS6UA51216-TC Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-TI ALSC-AS6UA51216-TI Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
More results

Similar Description - AS6UA25616-TI

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
AS6UA5128 SEMICOA-AS6UA5128 Datasheet
160Kb / 9P
   2.3V to 3.6V 512K횞8 Intelliwatt low-power CMOS SRAM
logo
Alliance Semiconductor ...
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6VA25616 ALSC-AS6VA25616 Datasheet
180Kb / 9P
   2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
logo
List of Unclassifed Man...
AS6WA25616 ETC1-AS6WA25616 Datasheet
215Kb / 9P
   3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
logo
Alliance Semiconductor ...
AS6WA5128 ALSC-AS6WA5128 Datasheet
146Kb / 9P
   3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
logo
List of Unclassifed Man...
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
   2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
logo
Austin Semiconductor
MT5C1008LL AUSTIN-MT5C1008LL Datasheet
123Kb / 10P
   128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER
logo
Golledge Electronics Lt...
GTXO-92 GOLLEDGE-GTXO-92 Datasheet
82Kb / 2P
   2.3V ~ 3.6V SM TCXO Clipped Sine
logo
Orister Corporation
RS7103 ORISTER-RS7103 Datasheet
671Kb / 10P
   Low Power 300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com