Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1510132404 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1510132404
Description  2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1510132404 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1510132404 Datasheet HTML 1Page - Molex Electronics Ltd. 1510132404 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
2.0A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
005
Lead-freeProcess Capability
SMC&WAVE
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-151013-0001-001
Sales Drawing
SD-151013-0001-000
This document was generated on 08/03/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1510132404

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510132406 MOLEX1-1510132406 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 6 Circuits
1510132408 MOLEX1-1510132408 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 8 Circuits
More results

Similar Description - 1510132404

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1510133304 MOLEX1-1510133304 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133004 MOLEX1-1510133004 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133104 MOLEX1-1510133104 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133204 MOLEX1-1510133204 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133404 MOLEX1-1510133404 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510133504 MOLEX1-1510133504 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510134104 MOLEX1-1510134104 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510134204 MOLEX1-1510134204 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510132504 MOLEX1-1510132504 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
1510134504 MOLEX1-1510134504 Datasheet
52Kb / 2P
   2.00mm Pitch Milli-Grid BMI Header, Vertical, Through Hole, Shrouded, 4 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com