Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS6UA5128-BC Datasheet(PDF) 3 Page - Semicoa Semiconductor

Part # AS6UA5128-BC
Description  2.3V to 3.6V 512K횞8 Intelliwatt low-power CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMICOA [Semicoa Semiconductor]
Direct Link  http://www.semicoa.com/
Logo SEMICOA - Semicoa Semiconductor

AS6UA5128-BC Datasheet(HTML) 3 Page - Semicoa Semiconductor

  AS6UA5128-BC Datasheet HTML 1Page - Semicoa Semiconductor AS6UA5128-BC Datasheet HTML 2Page - Semicoa Semiconductor AS6UA5128-BC Datasheet HTML 3Page - Semicoa Semiconductor AS6UA5128-BC Datasheet HTML 4Page - Semicoa Semiconductor AS6UA5128-BC Datasheet HTML 5Page - Semicoa Semiconductor AS6UA5128-BC Datasheet HTML 6Page - Semicoa Semiconductor AS6UA5128-BC Datasheet HTML 7Page - Semicoa Semiconductor AS6UA5128-BC Datasheet HTML 8Page - Semicoa Semiconductor AS6UA5128-BC Datasheet HTML 9Page - Semicoa Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
®
AS6UA5128
10/6/00
ALLIANCE SEMICONDUCTOR
3
Recommended operating condition (over the operating range)
Capacitance (f = 1 MHz, Ta = Room temperature, VCC = NOMINAL)
2
Parameter
Description
Test Conditions
Min
Max
Unit
VOH
Output HIGH Voltage
IOH = –2.1mA
VCC = 2.7V
2.4
V
IOH = –0.5mA
VCC = 2.3V
2.0
VOL
Output LOW Voltage
IOL = 2.1mA
VCC = 2.7V
0.4
V
IOL = 0.5mA
VCC = 2.3V
0.4
VIH
Input HIGH Voltage
VCC = 2.7V
2.2
VCC + 0.5
V
VCC = 2.3V
2.0
VCC + 0.3
VIL
Input LOW Voltage
VCC = 2.7V
–0.5
0.8
V
VCC = 2.3V
–0.3
0.6
IIX
Input Load Current
GND < VIN < VCC
–1
+1
µA
IOZ
Output Load Current
GND < VO < VCC; Outputs High Z
–1
+1
µA
ICC
VCC Operating Supply
Current
CS = VIL,
IOUT = 0mA, f = 0,
VIN = VIL or VIH
VCC = 3.6V
2
mA
VCC = 2.7V
1
ICC1 @
1MHz
Average VCC Operating
Supply Current at 1
MHz
CS < 0.2V, VIN < 0.2V,
or VIN > VCC – 0.2V,
f = 1 mS
VCC = 3.6V
5
mA
VCC = 2.7V
4
ICC2
Average VCC Operating
Supply Current
CS
≠ V
IL, VIN = VIL or
VIH, f = fMax
VCC = 3.6V (55/70 ns)
40/30
mA
VCC = 2.7V (70 ns)
25
ISB
CS Power Down
Current; TTL Inputs
CS > VIH, other inputs = 0V
– VCC
VCC = 3.6V
100
µA
VCC = 2.7V
ISB1
CS Power Down
Current; CMOS Inputs
CS > VCC – 0.2V > VCC – 0.2V,
other inputs = 0V – VCC, f =
fMax
VCC = 3.6V
20
µA
VCC = 2.7V
15
ISBDR
Data Retention
CS > VCC – 0.1V,
VCC – 0.1V, f = 0
VCC = 1.2V
2
µA
Parameter
Symbol
Signals
Test conditions
Max
Unit
Input capacitance
CIN
A, CS, WE, OE
VIN = 0V
5
pF
I/O capacitance
CI/O
I/O
VIN = VOUT = 0V
7
pF


Similar Part No. - AS6UA5128-BC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-BC ALSC-AS6UA51216-BC Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-BI ALSC-AS6UA51216-BI Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-TC ALSC-AS6UA51216-TC Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
AS6UA51216-TI ALSC-AS6UA51216-TI Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
More results

Similar Description - AS6UA5128-BC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS6UA25616 ETC-AS6UA25616 Datasheet
190Kb / 9P
   2.3V to 3.6V 256K횞16 Intelliwatt??low-power CMOS SRAM with one chip enable
logo
Alliance Semiconductor ...
AS6WA5128 ALSC-AS6WA5128 Datasheet
146Kb / 9P
   3.0V to 3.6V 512K 횞 8 Intelliwatt low-power CMOS SRAM
AS6UA51216 ALSC-AS6UA51216 Datasheet
126Kb / 9P
   1.65V to 3.6V 512K횞16 Intelliwatt low power CMOS SRAM with one chip enable
logo
List of Unclassifed Man...
AS6VA5128 ETC-AS6VA5128 Datasheet
151Kb / 9P
   2.7V to 3.3V 512K X 8 Intelliwatt low-power CMOS SRAM
logo
Alliance Semiconductor ...
AS6VA25616 ALSC-AS6VA25616 Datasheet
180Kb / 9P
   2.7V to 3.3V 256K x 16 Intelliwatt low-power CMOS SRAM with one chip enable
logo
Golledge Electronics Lt...
GTXO-92 GOLLEDGE-GTXO-92 Datasheet
82Kb / 2P
   2.3V ~ 3.6V SM TCXO Clipped Sine
logo
List of Unclassifed Man...
AS6WA25616 ETC1-AS6WA25616 Datasheet
215Kb / 9P
   3.0V to 3.6V 256K X 6 IntelliwattTM low-power CMOS SRAM with one chip enable
UC62LV4008 ETC1-UC62LV4008 Datasheet
480Kb / 9P
   Low Power CMOS SRAM
UC62LV2008 ETC1-UC62LV2008 Datasheet
487Kb / 11P
   Low Power CMOS SRAM
UC62LV2048 ETC-UC62LV2048 Datasheet
510Kb / 9P
   Low Power CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com