Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU446S Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # STU446S
Description  N-CHANNEL MOSFET in a TO-252 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

STU446S Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  STU446S Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. STU446S Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. STU446S Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. STU446S Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. STU446S Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. STU446S Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STU446S
Rev.D May.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Drain-Source Voltage
VDSS
40
V
Drain Current
ID(Tc=25℃)
38
A
Drain Current
ID(Tc=70℃)
30
A
Drain Current - Pulsed
IDM
111
A
Gate-Source Voltage
VGSS
±20
V
Single Pulsed Avalanche Energy
EAS
64
mJ
Total Power Dissipation
PD(Tc=25℃)
42
W
Operating and Storage Temperature Range
TJ,TSTG
-55 to 150
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Drain-Source Breakdown Voltage
BVDSS
VGS=0V
ID=250μA
40
V
Zero Gate Voltage Drain Current
IDSS
VDS=32V
VGS=0V
1.0
μA
Gate-Body Leakage Current
Forward
IGSS
VGS=±20V
VDS=0V
±0.1
μA
Gate Threshold Voltage
VGS(th)
VDS=VGS
ID=250μA
1.0
1.8
3.0
V
Static Drain-Source
On-Resistance
RDS(on)
VGS=10V
ID=19A
13
16.5
mΩ
VGS=4.5V
ID=16A
17
23
mΩ
Forward Transconductance
gFS
VDS=5V
ID=19A
43
S
Drain-Source Diode Forward
Voltage
VSD
VGS=0V
IS=4A
0.79
1.3
V
Input Capacitance
Ciss
VDS=20V
VGS=0V
f=1.0MHz
755
pF
Output Capacitance
Coss
121
Reverse Transfer Capacitance
Crss
102
Turn-On Delay Time
td(on)
VDD=20V
ID=1.0A
VGS=10V
RG=6Ω
16
ns
Turn-On Rise Time
tr
29
Turn-Off Delay Time
td(off)
42
Turn-Off Fall Time
tf
10
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)


Similar Part No. - STU446S

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
STU446S DOINGTER-STU446S Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - STU446S

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRD7N60 FOSHAN-BRD7N60 Datasheet
1,021Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD80N06 FOSHAN-BRD80N06 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD3N25 FOSHAN-BRD3N25 Datasheet
936Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD630 FOSHAN-BRD630 Datasheet
1Mb / 8P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD2N60 FOSHAN-BRD2N60 Datasheet
687Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD5N20 FOSHAN-BRD5N20 Datasheet
1Mb / 11P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD2N65 FOSHAN-BRD2N65 Datasheet
698Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD4N60 FOSHAN-BRD4N60 Datasheet
733Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD5N50 FOSHAN-BRD5N50 Datasheet
985Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD5N60 FOSHAN-BRD5N60 Datasheet
804Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
BRD6N60 FOSHAN-BRD6N60 Datasheet
757Kb / 6P
   N-CHANNEL MOSFET in a TO-252 Plastic Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com