Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD103CW Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SD103CW
Description  Schottky Diode in a SOD-123 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SD103CW Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SD103CW Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SD103AW/BW/CW
Rev.E Jun.-2016
DATA SHEET
http://www.fsbrec.com
1 / 6
SOD-123
塑封封装肖特基二极管。
Schottky Diode in a SOD-123 Plastic Package.
低正向压降,可忽略的反向恢复时间。
Low positive pressure drop, can ignore the reverse recovery time.
肖特基二极管。
Schottky diode.
PIN1:Cathode
PIN2:Anode
放大及印章代码 / hFE Classifications & Marking
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
Model
SD103AW
SD103BW
SD103CW
Marking
HS4
HS5
HS6
1
2


Similar Part No. - SD103CW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SD103CW PANJIT-SD103CW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Shanghai Shunye Electro...
SD103CW SHUNYE-SD103CW Datasheet
706Kb / 2P
   SCHTTKY DIODES
logo
Micro Commercial Compon...
SD103CW MCC-SD103CW Datasheet
209Kb / 3P
   400mW Small Signal Schottky Diode 20 to 40 Volts
logo
Guangdong Kexin Industr...
SD103CW KEXIN-SD103CW Datasheet
37Kb / 1P
   Schottky Barrier Switching Diodes
logo
Shenzhen Jin Yu Semicon...
SD103CW HTSEMI-SD103CW Datasheet
435Kb / 2P
   SCHOTTKY DIODES
More results

Similar Description - SD103CW

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
SD103BW FOSHAN-SD103BW Datasheet
642Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
SS1040 FOSHAN-SS1040 Datasheet
515Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
BAT42W FOSHAN-BAT42W Datasheet
472Kb / 5P
   Schottky Diode in a SOD-123 Plastic Package
SD103AW FOSHAN-SD103AW Datasheet
642Kb / 6P
   Schottky Diode in a SOD-123 Plastic Package
B5817W FOSHAN-B5817W Datasheet
1Mb / 6P
   Schottky Diode in a SOD-123 Plastic Package
2CZ400X FOSHAN-2CZ400X Datasheet
550Kb / 6P
   Silicon Diode in a SOD-123 Plastic Package
BZT52C13 FOSHAN-BZT52C13 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C2V7 FOSHAN-BZT52C2V7 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
BZT52C33 FOSHAN-BZT52C33 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
MMSZ5269B FOSHAN-MMSZ5269B Datasheet
500Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com