Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-53 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # AN-53
Description  Implementing an RC5051 DC-DC Converter on Pentium II Motherboards
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

AN-53 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  AN-53 Datasheet HTML 1Page - Fairchild Semiconductor AN-53 Datasheet HTML 2Page - Fairchild Semiconductor AN-53 Datasheet HTML 3Page - Fairchild Semiconductor AN-53 Datasheet HTML 4Page - Fairchild Semiconductor AN-53 Datasheet HTML 5Page - Fairchild Semiconductor AN-53 Datasheet HTML 6Page - Fairchild Semiconductor AN-53 Datasheet HTML 7Page - Fairchild Semiconductor AN-53 Datasheet HTML 8Page - Fairchild Semiconductor AN-53 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
APPLICATION NOTE
AN53
5
In general, a higher operating frequency decreases the peak
ripple current flowing in the output inductor, thus allowing
the use of a smaller inductor value. operation at higher fre-
quencies also decreases the amount of energy storage that
must be provided by the bulk output capacitors during load
transients.
Unfortunately, the efficiency losses due to switching of the
MOSFETs increase as the operating frequency is increased.
Thus, efficiency is optimized at lower operating frequencies.
An operating frequency of 300 kHz was chosen in this
Application Note to optimize efficiency while maintaining
excellent regulation and transient performance under all
operating conditions.
Design Considerations and Component
Selection
Figure 3 illustrates a synchronous application using the
RC5051.
Figure 3. Synchronous DC-DC Converter Application Schematic Using the RC5051
VID3
VID2
VID1
VID0
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
17
18
19
20
+5V
PWRGD
RC5051
VCC
ENABLE
C7
0.1
mF
C8
0.1
mF
10K
½
CEXT
C3
0.1
mF
CIN*
R1
C5
1
mF
L1
2.5
mH
VREF
C1
C2
0.1
mF
0.1
mF
+12V
VID4
R4
100pF
65-5051-03
*Refer to Table 3 for values of
RSENSE, COUT, and CIN.
VO
D2
1N5820
COUT*
L2
2.3
µH
RSENSE*
4.7
½
Q2
Q1
D1
1N4735A
C6
0.1
mF
1
mF
4.7
½
47
½
R2
R3
C4


Similar Part No. - AN-53

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-535 AD-AN-535 Datasheet
339Kb / 8P
   Digital Input/Output Subsystems
More results

Similar Description - AN-53

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3871 FUJITSU-MB3871 Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3828 FUJITSU-MB3828 Datasheet
245Kb / 26P
   Pentium DC/DC Converter IC
logo
STMicroelectronics
AN2957 STMICROELECTRONICS-AN2957 Datasheet
1Mb / 21P
   Implementing an RC5 infrared transmitter
UM0613 STMICROELECTRONICS-UM0613 Datasheet
457Kb / 11P
   Dual DC-DC converter for powering an AMOLED display
logo
Power Integrations, Inc...
DPA425GN POWERINT-DPA425GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA423GN POWERINT-DPA423GN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
DPA425PN POWERINT-DPA425PN Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
logo
Analog Devices
ADUM5010 AD-ADUM5010 Datasheet
476Kb / 16P
   The ADuM50101 is an integrated, isolated dc-to-dc converter.
REV. A
logo
Power Integrations, Inc...
DPA426R-TL POWERINT-DPA426R-TL Datasheet
1Mb / 20P
   DC-DC Forward Converter Design Guide Application Note AN-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com