Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2748 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AN2748
Description  Genesi Pegasos II Kernel and NFS Facility
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN2748 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AN2748 Datasheet HTML 1Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 2Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 3Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 4Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 5Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 6Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 7Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 8Page - List of Unclassifed Manufacturers AN2748 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Genesi Pegasos II Kernel and NFS Facility, Rev. 0
Freescale Semiconductor
5
General Theory
Minor
Start
End
Filesystem
Name
Flags
1
3.999
107.973
affs1
boot
2
107.974
611.850
asfs
MOS
boot
3
611.851
3615.117
asfs
MOS-DATA
4
3615.117
4618.872
linux-swap
swap
hidden
5
4618.872
25621.743
ext3
debian
hidden
6
25621.743
38166.679
ext3
YDL
hidden
(parted)
Currently, there is about 69% space left on this partition as can be seen from the df -k command.
guest@debian:~$ df -k
Filesystem
1K-blocks
Used Available Use% Mounted on
/dev/hda5
21170868
6509324
14661544
31% /
The NFS virtual partition used for the target is the small piece of the disk shown in the figure, it resides at /opt, it
will be further discussed in Section 4, “Setting up an NFS Root File System on a Host.”
Several targets can access each of these NFS root file systems via the ethernet. More than one target can share an
NFS root file system, or each target can have only one. For this paper, each target will have only one NFS root file
system.
The host can access each target via a serial connection, or via ethernet, once the target is started. In this figure, we
show two targets, each can be either an ADS or a Sandpoint board, each is connected to its unique NFS root file
system via a network, and the host can communicate with either target.


Similar Part No. - AN2748

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN274 ETC2-AN274 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
STMicroelectronics
AN2744 STMICROELECTRONICS-AN2744 Datasheet
2Mb / 56P
   ST7538Q power line FSK transceiver
AN2747 STMICROELECTRONICS-AN2747 Datasheet
1Mb / 44P
   250 W HID metal halide electronic ballast
More results

Similar Description - AN2748

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH578 WCH-CH578 Datasheet
1Mb / 98P
   ARM kernel
CH579 WCH-CH579 Datasheet
1Mb / 99P
   ARM kernel
logo
Nuvoton Technology Corp...
N79E815 NUVOTON-N79E815 Datasheet
3Mb / 179P
   Nuvoton 8051 Kernel microcontroller
logo
Anaren Microwave
MSK5980RH ANAREN-MSK5980RH Datasheet
408Kb / 9P
   MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
logo
Advantech Co., Ltd.
RSB-4210EVALUATIONKIT ADVANTECH-RSB-4210EVALUATIONKIT Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
ROM-1210EVALUATIONKIT ADVANTECH-ROM-1210EVALUATIONKIT_14 Datasheet
1Mb / 2P
   Freescale i.MX53 COM with Linux Kernel 2.6
logo
Tyco Electronics
CDSUW-C MACOM-CDSUW-C Datasheet
210Kb / 2P
   Corcom Facility EMI Filters Product Guide
Date: 11.2009
logo
Advantech Co., Ltd.
RSB-4210 ADVANTECH-RSB-4210_12 Datasheet
1Mb / 2P
   Freescale i.MX53 SBC with Linux Kernel 2.6
logo
Microchip Technology
PIC18FXX39 MICROCHIP-PIC18FXX39 Datasheet
2Mb / 322P
   Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
11/29/12 2002-2013
logo
Chicago Miniature Lamp,...
1927X35X CML-1927X35X Datasheet
443Kb / 1P
   LED Indicator 14mm Standard Bezel Lamp Test Facility
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com