Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P485 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # P485
Description  SSC P485 PL Transceiver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P485 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  P485 Datasheet HTML 1Page - List of Unclassifed Manufacturers P485 Datasheet HTML 2Page - List of Unclassifed Manufacturers P485 Datasheet HTML 3Page - List of Unclassifed Manufacturers P485 Datasheet HTML 4Page - List of Unclassifed Manufacturers P485 Datasheet HTML 5Page - List of Unclassifed Manufacturers P485 Datasheet HTML 6Page - List of Unclassifed Manufacturers P485 Datasheet HTML 7Page - List of Unclassifed Manufacturers P485 Datasheet HTML 8Page - List of Unclassifed Manufacturers P485 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SSC P485 PL Transceiver IC
July 1998
3
Revision 5
24000828
ADVANCE INFORMATION
SSC P485 Pin Assignments
Pin
Mnemonic
Name
Description
1
4MHZ
4 MHz Clock Out
4 MHz clock output available for host microcontroller.
2
NC
No Connect
3
VSSD
Digital Ground
Digital ground reference.
4
XIN
Crystal Input
Connected to external crystal to excite the IC’s internal
oscillator and digital clock.
5
XOUT
Crystal Output
Connected to external crystal to excite the IC’s internal
oscillator and digital clock.
6VDDD
Digital Supply
5.0 VDC
± 10% digital supply voltage with respect to
VSSD.
7
ILD
Idle Line Detect
Digital output, active high. Logic 1 state indicates 10 bit
times of idle line, logic 0 indicates detection of carrier or
non-idle line.
8
DI
Driver Input
Digital input. After the preamble, a low on DI (SPACE)
transmits a superior2 state on SO, a high on DI (MARK)
transmits a superior1 state on SO.
9
RO
Receiver Output
Digital output. After the preamble and assuming
standard polarity: if superior1 state is detected on SI,
RO will be high (MARK), if superior2 state is detected
on SI, RO will be low (SPACE).
10
WL
Word Length
Digital input. Logic 1 (default, internal pullup) selects
10-bit frame (START, eight data bits, STOP), logic 0
selects 11-bit frame (START, nine data bits, STOP).
11
TS*
Tristate
Active low digital output. Enables the external output
amplifier when driven high. Tri-states the external
output amplifier when driven low.
12
RST*
Reset
Active low digital input. RST* asynchronously forces
RO and ILD outputs to a high state and TS* to a low
state. RST* can be asserted anytime during normal
operation to force the reset state. RST* must be active
(low) for 1
µsec after VDD
D and VDDA stabilize and the
crystal oscillator stabilizes to guarantee the internal
reset state. See Figure 10.
13
VSSA
Analog Ground
Analog ground reference.
14
SO
Signal Output
Analog signal output. Tri-state enabled with internal
signal.
15
C2
Capacitor 2
Connection for 680pF capacitor to ground.
16
C1
Capacitor 1
Connection for 680pF capacitor to ground.
17
SI
Signal Input
Analog signal input.
18
VDDA
Analog Supply
5.0 VDC
± 10% analog supply voltage with respect to
VSSA.
19
TP0
Test Point 0
Reserved pin for testing.
20
VSSD
Digital Ground
Digital ground reference.


Similar Part No. - P485

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
P48-21-00 SYSTEMSENSOR-P48-21-00 Datasheet
169Kb / 2P
   High-Temperature Duct Smoke Detector
P48-55-00 SYSTEMSENSOR-P48-55-00 Datasheet
289Kb / 4P
   4-Wire Ionization Duct Smoke Detector
logo
Red Lion Controls. Inc
P4800011 REDLION-P4800011 Datasheet
422Kb / 8P
   MODEL P48 - 1/16 DIN PROCESS CONTROLLER
logo
Teccor Electronics
P4802A TECCOR-P4802A Datasheet
1Mb / 212P
   solid state crowbar devices
logo
Littelfuse
P4802AAL LITTELFUSE-P4802AAL Datasheet
154Kb / 3P
   Two-chip SIDACtor
More results

Similar Description - P485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC-P300 ETC2-SSC-P300 Datasheet
69Kb / 2P
   PL Network Interface Controller IC, CEBus Compliant
logo
ATMEL Corporation
B10011S ATMEL-B10011S_07 Datasheet
258Kb / 12P
   Can Transceiver IC
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
   CAN TRANSCEIVER IC
logo
STMicroelectronics
L9663 STMICROELECTRONICS-L9663 Datasheet
1Mb / 104P
   PSI5 Transceiver IC
logo
ATMEL Corporation
B10011S ATMEL-B10011S_05 Datasheet
208Kb / 12P
   Can Transceiver IC
logo
List of Unclassifed Man...
TR5100 ETC1-TR5100 Datasheet
115Kb / 9P
   FM Transceiver IC
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
logo
ATGBICS by Approved Tec...
01-SSC-9789-C ATGBICS-01-SSC-9789-C Datasheet
293Kb / 8P
   01-SSC-9789 SonicWall Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
logo
ATGBICS by Approved Tec...
01-SSC-9790-C ATGBICS-01-SSC-9790-C Datasheet
322Kb / 9P
   01-SSC-9790 SonicWall Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com