Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BRI3N25 Datasheet(PDF) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BRI3N25
Description  N-CHANNEL MOSFET in a TO-251 Plastic Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BRI3N25 Datasheet(HTML) 1 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BRI3N25 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BRI3N25 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BRI3N25 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BRI3N25 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BRI3N25 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BRI3N25 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BRI3N25
Rev.D Nov.-2015
DATA SHEET
http://www.fsbrec.com
1 / 6
TO-251
塑封封装 N 沟道 MOS 场效应管。N-CHANNEL MOSFET in a TO-251 Plastic Package.
低栅电荷,低反馈电容,开关速度快。
Low gate charge, low crss, fast switching.
用于高功率 DC/DC 转换和功率开关。
These devices are well suited for high efficiency switching DC/DC converters and switch mode power
supplies.
PIN1
:G
PIN 2
:D
PIN 3
:S
放大及印章代码 / hFE Classifications & Marking
见印章说明。See Marking Instructions.
描述 / Descriptions
特征 / Features
用途 / Applications
内部等效电路 / Equivalent Circuit
引脚排列 / Pinning
3
2
1


Similar Part No. - BRI3N25

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRI1N60 FOSHAN-BRI1N60 Datasheet
864Kb / 6P
   N-CHANNEL MOSFET in a TO-251 Plastic Package
BRI2N60 FOSHAN-BRI2N60 Datasheet
796Kb / 6P
   N-CHANNEL MOSFET in a TO-251 Plastic Package
logo
Eldeco Srl
BRI52-A4 ELDECO-BRI52-A4 Datasheet
508Kb / 1P
   Standard : UL - IEC 300V - 250V 16A - 24A
logo
First Silicon Co., Ltd
BRI630 FS-BRI630 Datasheet
600Kb / 4P
   N-Channel Power MOSFET (200V/9A)
logo
PHOENIX CONTACT
BRIDGES PHOENIX-BRIDGES Datasheet
113Kb / 6P
   PIT 2,5 BU
More results

Similar Description - BRI3N25

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
BRI2N60 FOSHAN-BRI2N60 Datasheet
796Kb / 6P
   N-CHANNEL MOSFET in a TO-251 Plastic Package
BRI1N60 FOSHAN-BRI1N60 Datasheet
864Kb / 6P
   N-CHANNEL MOSFET in a TO-251 Plastic Package
logo
Rectron Semiconductor
RI4N70 RECTRON-RI4N70 Datasheet
343Kb / 5P
   N-CHANNEL MOSFET in a TO-251 Package
RI2N60 RECTRON-RI2N60 Datasheet
366Kb / 5P
   N-CHANNEL MOSFET in a TO-251 Package
logo
Foshan Blue Rocket Elec...
BTB08I FOSHAN-BTB08I Datasheet
1Mb / 8P
   Triac in a TO-251 Plastic Package
78I05 FOSHAN-78I05 Datasheet
890Kb / 6P
   Voltage Regulator in a TO-251 Plastic Package
2SC5171I FOSHAN-2SC5171I Datasheet
984Kb / 6P
   Silicon NPN transistor in a TO-251 Plastic Package.
MJE13003H3 FOSHAN-MJE13003H3 Datasheet
786Kb / 6P
   Silicon NPN transistor in a TO-251 Plastic Package.
MJE13004P3 FOSHAN-MJE13004P3 Datasheet
753Kb / 6P
   Silicon NPN transistor in a TO-251 Plastic Package.
MPSA42I FOSHAN-MPSA42I Datasheet
885Kb / 6P
   Silicon NPN transistor in a TO-251 Plastic Package.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com