Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3PDB24N02P Datasheet(PDF) 2 Page - Sirectifier Semiconductors

Part # S3PDB24N02P
Description  Three Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

S3PDB24N02P Datasheet(HTML) 2 Page - Sirectifier Semiconductors

  S3PDB24N02P Datasheet HTML 1Page - Sirectifier Semiconductors S3PDB24N02P Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Three Phase Bridge Rectifiers
0
30
60
90
120
150
180
0. 0
0. 5
1. 0
1. 5
2. 0
0
16
18
28
VF
A
IF
V
T
VJ=125
C
Ptot
Id(AV)M
A
TA
0 5 10 15 20 25 30 35 40
0
10
20
30
40
50
60
70
80
90
100
110
120
0. 001
0. 01
0. 1
1
10
0
1
2
3
4
5
t
s
K/W
ZthJC
C
0
40
80
120
160
0
10
20
30
40
50
TH
Id(AV)M
A
C
o
t
IFSM
0. 001
0. 01
0. 1
1
0
20
60
100
140
180
220
260
T
VJ = 25
C
T
VJ = 125
f = 50 Hz
VR = 0. 8VRRM
A
s
I2t
A2s
ms
t
1
10
100
1000
VR = 0 V
T
VJ= 25
C
W
R
thHA [K/W]
0.4
1
2
5
10
Fig.1 Forward current versus
voltage drop per diode
Fig. 2 Surge overload current
Fig. 3 I2t versus time per diode
Fig. 4 Power dissipation versus direct output current
and ambient temp e
r ature, sine180
Fig. 5 Max. forward current
vs. case temperature
Fig. 6 Transient the rmal impedance junction to case
Constantsfor ZthJC calculation:
i
Rthi (K/W)
ti (s)
1
0.302
0.002
2
1.252
0.032
3
1.582
0.227
4
1.164
0.82
S3PDB24
o
o
o
o
C
o
20
22
24
26
T
VJ = 45
C
o
T
VJ = 125
C
o
30
Page2
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - S3PDB24N02P

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
S3PDB200 SIRECTIFIER-S3PDB200 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
S3PDB200N08 SIRECTIFIER-S3PDB200N08 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
S3PDB200N08 SIRECTIFIER-S3PDB200N08 Datasheet
86Kb / 2P
   Three Phase Rectifier Modules
S3PDB200N12 SIRECTIFIER-S3PDB200N12 Datasheet
59Kb / 2P
   Three Phase Rectifier Modules
S3PDB200N12 SIRECTIFIER-S3PDB200N12 Datasheet
86Kb / 2P
   Three Phase Rectifier Modules
More results

Similar Description - S3PDB24N02P

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SBR5008W HY-SBR5008W Datasheet
155Kb / 3P
   THREE PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
MT3516A YANGJIE-MT3516A Datasheet
157Kb / 4P
   Three Phase Bridge Rectifiers
logo
Insel Rectifier India P...
PTB450 IRI-PTB450 Datasheet
287Kb / 2P
   THREE PHASE BRIDGE RECTIFIERS
PTB900 IRI-PTB900 Datasheet
285Kb / 2P
   THREE PHASE BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
SKBPC3504 LUGUANG-SKBPC3504_V01 Datasheet
892Kb / 3P
   Three Phase Bridge Rectifiers
logo
RFE international
DF25NA80 RFE-DF25NA80 Datasheet
508Kb / 3P
   Three Phase Bridge Rectifiers
03-02-2022
SKBPC1504 RFE-SKBPC1504 Datasheet
2Mb / 3P
   Three Phase Bridge Rectifiers
12-14-2022
logo
Sirectifier Semiconduct...
S3PDB25XX SIRECTIFIER-S3PDB25XX Datasheet
427Kb / 2P
   Three Phase Bridge Rectifiers
S3PDB35NXX SIRECTIFIER-S3PDB35NXX Datasheet
439Kb / 3P
   Three Phase Bridge Rectifiers
logo
Insel Rectifier India P...
PTB-450 IRI-PTB-450 Datasheet
287Kb / 2P
   THREE PHASE BRIDGE RECTIFIERS
PTB-600 IRI-PTB-600 Datasheet
280Kb / 2P
   THREE PHASE BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com